Electronic Components Datasheet Search
  English  ▼

X  

MX205QL Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MX205QL
Description  Low Cost, 5.0g, Dual Axis Accelerometer with Analog Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MX205QL Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MX205QL Datasheet HTML 1Page - List of Unclassifed Manufacturers MX205QL Datasheet HTML 2Page - List of Unclassifed Manufacturers MX205QL Datasheet HTML 3Page - List of Unclassifed Manufacturers MX205QL Datasheet HTML 4Page - List of Unclassifed Manufacturers MX205QL Datasheet HTML 5Page - List of Unclassifed Manufacturers MX205QL Datasheet HTML 6Page - List of Unclassifed Manufacturers MX205QL Datasheet HTML 7Page - List of Unclassifed Manufacturers MX205QL Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Page 5 of 8
Data Sheet
Pin Definition
VDD - This is the digital power supply input for the MX20XX. The DC voltage should be between 2.70 and
5.25 volts.
VDA - This is the analog power supply input for the MX20XX. VDA should always be connected to VDD.
GND - This is the ground pin for the MX20XX.
AOUTX - This pin is the output of the x-acceleration sensor.
AOUTY - This pin is the output of the y-acceleration sensor.
TOUT - This pin is the buffered output of the temperature sensor. The voltage at TOUT is an indication of the
die temperature. This voltage can be measured and used to compensate out the temperature dependence of
accelerometer sensitivity.
SCK - Standard product is delivered with an Internal Clock option. Ground this pin when operating with the
Internal Clock. The External Clock must be ordered special from the factory.
VREF - A reference voltage is output from this pin.
®MEMSIC, Inc. 2000.
100 Burtt Road, Andover, MA 01810
Tel: 978.623.8188
•
Fax: 978.623.9945
www.memsic.com
MX205Q
MX205Q ANALOG Data Sheet N 8/1/01



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com