Electronic Components Datasheet Search
  English  ▼

X  

MSM6255 Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSM6255
Description  DOT MATRIX LCD CONTROLLER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6255 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSM6255 Datasheet HTML 9Page - OKI electronic componets MSM6255 Datasheet HTML 10Page - OKI electronic componets MSM6255 Datasheet HTML 11Page - OKI electronic componets MSM6255 Datasheet HTML 12Page - OKI electronic componets MSM6255 Datasheet HTML 13Page - OKI electronic componets MSM6255 Datasheet HTML 14Page - OKI electronic componets MSM6255 Datasheet HTML 15Page - OKI electronic componets MSM6255 Datasheet HTML 16Page - OKI electronic componets MSM6255 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
MSM6255
¡ Semiconductor
13/39
Register
A0
D7
Instruction register
H
L
Time division register
L
D6
L
D5
L
D4
L
D3
L
(NX – 1)
D2
L
D1
H
D0
H
– Character pitch register
Register
A0
D7
Instruction register
H
L
Character pitch register
L
D6
L
(Vp – 1)
D5
L
D4
L
D3
L
L
D2
L
D1
L
(Hp – 1)
D0
H
Hp represents the number of bits to be displayed among one byte display data sent from RAM.
The value of Hp is the following five types.
Hp
D2
D1
D0
4L
H
H
5H
L
L
6H
L
H
7H
H
L
8H
HH
– Horizontal character number register
Register
A0
D7
Instruction register
H
L
Character number register
L
D6
L
D5
L
D4
L
D3
L
(HN – 1)
D2
L
D1
H
D0
L
L
Assuming that the total horizontal dot number of the display is nH,
nH = Hp x HN,
where HN = 2 to 128.
The maximum value of nH = 8 x 128 = 128 bytes = 1,024 dots.
– Duty number register
Nx = 2 to 256
– Cursor form register
Register
A0
D7
Instruction register
H
L
Cursor position register
L
D6
L
D5
L
D4
L
D3
L
(Cpu – 1)
D2
H
D1
L
D0
L
(Cpd – 1)
The cursor is displayed on the lines from Cpu to Cpd in the character display mode. The length
of the cursor in the horizontal direction is equal to the character pitch in the horizontal direction,
Hp. The cursor is not displayed in graphic mode. The relation between the cursor and Vp is as
follows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com