Electronic Components Datasheet Search
  English  ▼

X  

DSP56857 Datasheet(PDF) 317 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 317 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 313Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 314Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 315Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 316Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 317Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 318Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 319Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 320Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 321Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 317 / 662 page
background image
Functional Description
Enhanced Synchronous Serial Interface (ESSI), Rev. 4
Freescale Semiconductor
12-17
12.5.2.2 Network Mode Receive
The receiver portion of the ESSI is enabled when both the ESSIEN and the RE bits in the SCR2
are set. However, when the RE bit is set, the receiver is enabled only after detection of a new
frame boundary. Software has to find the start of the next frame by checking the RFS bit in the
SSR. A normal start-up sequence for Receive operation is to do the following:
1. Set the SRXCR, SCR2, SCR3, and SCR4 registers to select Network mode operation,
define the receive clock, receive frame sync and frame structure required for proper
system operation.
2. ESSI enabled (ESSIEN = 1)
3. Enable RXFIFO (RFEN=1) and configure Receive Watermark (RFWM = n) if RXFIFO is
used.
4. Enable receive interrupts.
5. Set the RE bit (RE = 1) to enable the receiver operation on the next frame sync boundary.
The receiver timing for an 8-bit word with continuous clock, FIFO disabled, five words per frame
sync, in Network mode is shown in Figure 12-5. The explanatory notes for the receive portion of
the figure are shown in Table 12-9.
Figure 12-5. Network Mode Receive Timing
TS 0
TS 1
TS 2
TS 3
TS 4
TS 0
Time Slot
SC0
Internal Word Clock
SC1
RFS Bit of SSR Register
SRD
RXSR Register
SRX Register
RDR Status Bit / Interrupt
Valid
Indefinite transition depends on SW interrupt processing
Invalid
6
8
9
10
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com