Electronic Components Datasheet Search
  English  ▼

X  

DSP56857 Datasheet(PDF) 316 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 316 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 312Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 313Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 314Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 315Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 316Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 317Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 318Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 319Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 320Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 316 / 662 page
background image
Functional Description
5685X Digital Signal Controller User Manual, Rev. 4
12-16
Freescale Semiconductor
The operation of clearing the TE bit disables the transmitter after completion of transmission of
the current data word. Setting the TE bit again enables transmission of the next word. During the
time TE = 0, the STD signal is tri-stated. The TE bit should be cleared after the TDE bit is set,
ensuring all pending data is transmitted.
Note:
In case of Normal mode with external frame sync, TE bit should be cleared after the
first bit of transmission only.
The Network mode transmitter generates interrupts every time slot (unless the TSM registers are
utilized) and requires the DSC program to respond to each time slot. These responses may be one
of the following:
•
Write the Data register with data to enable transmission in the next time slot.
•
Write the Time Slot register to disable transmission in the next time slot.
•
Do nothing—transmit underrun occurs at the beginning of the next time slot and the
previous data is re-transmitted.
Table 12-8.
Notes for Transmit Timing in Figure 12-5
Note
Source
Signal
Destination
Signal
Description
1
—
—
Example of a five time-slot frame, transmitting in time-slots 0 and 3.
2SC2
—
Example with word-length frame sync and standard timing (TFSI=0, TFSL=0,
and TEFS=0). Frame timing begins with the rising edge of SC2.
3—
TDE Status Flag
and Interrupt
This flag is set at the beginning of each word to indicate that another data
word should be supplied by the software. When the transmit interrupt is
enabled, the processor is interrupted to request the data. The flag and
interrupt are cleared when data is written to either the STX or STSR
registers.1
4
STX / STSR
Register
TXSR
Register
On each word clock boundary a decision is made concerning what to
transmit on the next time-slot.
If the STSR register was written during the previous time-slot the STD pin is
tri-stated.
If the STSR register was NOT written during the previous time-slot the
contents of the STX register is transferred to the TXSR register and this data
is shifted out. If the STX register has not been written in the previous
time-slot the previous data is reused.
If neither of these registers were written in the previous time-slot the TUE
status bit will be set and the hardware will operate as if the STX register had
been written. The STD pin will be enabled and the contents of the STX will
be transmitted again. This may lead to drive conflicts on the transmit data
line.
5
TXSR
Register
STD Pin
On active time-slots, the TXSR register contents are shifted out on the STD
pin, one bit per rising edge of SCK.
On inactive time-slots, the STD pin is tri-stated so it can be driven by another
device.
1.
Section 12.13 provides a complete description of interrupt processing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com