Electronic Components Datasheet Search
  English  ▼

X  

DSP56857 Datasheet(PDF) 318 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 318 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 314Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 315Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 316Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 317Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 318Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 319Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 320Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 321Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 322Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 318 / 662 page
background image
Functional Description
5685X Digital Signal Controller User Manual, Rev. 4
12-18
Freescale Semiconductor
An interrupt can occur after the reception of each data word or the programmer can poll the RDR
flag. The ESSI program response can be one of the following:
•
Read SRX and use the data
•
Read SRX and ignore the data
•
Do nothing—the receiver overrun exception occurs at the end of the current time slot.
12.5.3 Synchronous/Asynchronous Operating Modes
The transmit and receive sections of the ESSI may be synchronous or asynchronous. During
asynchronous operation the transmitter and receiver have their own separate clock and sync
signals. When operating in the Synchronous mode the transmitter and receiver use common clock
and synchronization signals, specified by the transmitter configuration. The SYN bit in SCR2
selects synchronous or asynchronous operation.
Since the ESSI is designed to operate either synchronously or asynchronously, separate receive
and transmit interrupts are provided. During the synchronous operation, the receiver and
transmitter operate in lock step with each other. Overhead may be reduced by eliminating either
the receive or transmit interrupts, driving both channels from the same set of interrupts. If this
decision is made, it is necessary to be aware of the specific timing of the receive and transmit
interrupts, because the interrupts are not generated at the same exact point in the frame timing,
Table 12-9.
Notes for Receive Timing in Figure 12-6
Note
Source Signal
Destination
Signal
Description
6—
—
Example of a five time slot frame, receiving data from time slots 0 and 2.
The receive hardware will obtain data on the SRD pin every bit time.
The software must determine which data belongs to each time slot and
discard the unwanted time slot data.
7
SC0
—
Receive clock timing from which it is derived.
8SC1
—
Example with bit length frame sync and standard timing (RFSI=0,
RFSL=1, and REFS=0). Frame timing begins with the rising edge of
SC1.
9SRD
RXSR
Register
Data on the SRD pin is sampled on the falling edge of SC0 and shifted
into the RXSR register.
10
RXSR
Register
SRX
Register
At the word clock, the data in the RXSR register is transferred to the
SRX register.
11
RDR Status Flag
and Receive
Interrupt
—
This flag is set for each word clock (time slot) indicating data is available
to be processed. The software must keep track of the time slots as they
occur so it knows which data to keep.
If the receive interrupts are enabled (RIE=1) an interrupt will be
generated when this status flag is set. The software reads the SRX
register to clear the interrupt.1
1.
Section 12.13 provides a complete description of the interrupt process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com