Electronic Components Datasheet Search
  English  ▼

X  

NJM2172 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM2172
Description  OPERATIONAL AMPLIFIER WITH EVR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2172 Datasheet(HTML) 2 Page - New Japan Radio

  NJM2172 Datasheet HTML 1Page - New Japan Radio NJM2172 Datasheet HTML 2Page - New Japan Radio NJM2172 Datasheet HTML 3Page - New Japan Radio NJM2172 Datasheet HTML 4Page - New Japan Radio NJM2172 Datasheet HTML 5Page - New Japan Radio NJM2172 Datasheet HTML 6Page - New Japan Radio NJM2172 Datasheet HTML 7Page - New Japan Radio NJM2172 Datasheet HTML 8Page - New Japan Radio NJM2172 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
- 2 -
NJM2172
s
ABSOLUTE MAXIMUM RATING
(Ta=25
°C)
PARAMETER
RATINGS
SYMBOL(UNIT)
OTHERS
Supply Voltage
+7.0
VDD (V)
Storage Temperature Range
-50 to +150
Tstg (
°C)
Operating Temperature Range
-40 to +85
Topr (
°C)
Power Dissipation
300
PD (mW)
SSOP14(ONLY)
s
ERECTRICAL CHARACTERISTICS (V+=3.5V, Crefin=10pF,Cref=1µF, f=1kHz, Ta=25°C unless otherwise noted)
q
SUPPLY
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
TEST
CIRCUIT
Operating Current
ICC
RL=
∞
-
5.0
7.5
mA
1
Reference Voltage
Vref
RL=
∞
1.45
1.55
1.65
V
1
q
OP-AMP SECTION
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
TEST
CIRCUIT
Input Offset Voltage
VIO
RS≤10kΩ
-
1.0
6.0
mV
3
Input Bias Current
IIB
-
100
300
nA
3
Voltage Gain 1
GV1
RL≤10kΩ
60
80
-
dB
3
Maximum Output
Voltage Swing 1
VOM1
THD=1%, RL≥2.5k
Ω
-3.0
( 0.7 )
0
( 1.0 )
-
( - )
dBV
(Vrms)
2
Input Common Mode
Voltage Range
VICM
-
0.55 to 2.55
-
-
V
-
Output Noise Voltage
VON1
Rs=600
Ω / A-Weighted
-
-100
( 10.0 )
-90
( 30.0 )
dBV
(µVrms)
1
Common Mode
Rejection Ratio
CMR
RS≤10kΩ
60
74
-
dB
3
Supply Voltage
Rejection Ratio
SVR
RS≤10kΩ
60
80
-
dB
3
Gain Bandwidth
Product
GB
-
2
-
MHz
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com