Electronic Components Datasheet Search
  English  ▼

X  

NJM2172 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJM2172
Description  OPERATIONAL AMPLIFIER WITH EVR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2172 Datasheet(HTML) 1 Page - New Japan Radio

  NJM2172 Datasheet HTML 1Page - New Japan Radio NJM2172 Datasheet HTML 2Page - New Japan Radio NJM2172 Datasheet HTML 3Page - New Japan Radio NJM2172 Datasheet HTML 4Page - New Japan Radio NJM2172 Datasheet HTML 5Page - New Japan Radio NJM2172 Datasheet HTML 6Page - New Japan Radio NJM2172 Datasheet HTML 7Page - New Japan Radio NJM2172 Datasheet HTML 8Page - New Japan Radio NJM2172 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
NJM2172
- 1 -
OPERATIONAL AMPLIFIER WITH EVR
s
s
s
s GENERAL DESCRIPTION
s
s
s
s PACKAGE OUTLINE
The NJM2172 is single supply, dual OP-AMP with
electric variable resistor (EVR), which contains buffer
amplifier, OP-AMP, reference voltage circuit, EVR and EVR
control circuit.
The reference is fixed around 1/2 V
+ level internally, and
only required few external parts.
The A and B EVR is control separately, and amp drive
up to 100
Ω(typ.) load. The NJM2172 is suitable for
camcorder, CD, MD, and other audio signal process
system.
s
s
s
s FEATURES
q
Low Power Supply Voltage
V+ = 2.7 to 5.5V
q
Low Operating Current
Icc = 5.0mA typ.
q
A/Bch EVR adjust is separately
q
EVR range
-3.0 to -95dB
q
Drivability
100
Ω typ.
q
Bipolar Technology
q
Package Outline
SSOP14
s
s
s
s BLOCK DIAGRAM
s PIN CONFIGURATION
1: OP+INA
2: OP-INA
3: OPOUTA
4: EVROUTA
5: VCNTA
6: VCNTB
7: V
+
8: GND
9: Vref
10:REFIN
11:EVROUTB
12:OPOUTB
13:OP-INB
14:OP+INB
NJM2172V
1
2
3
4
5
6
7
Ach
VCA
Ach EVR Control
Bch EVR Control
Bch
VCA
Bch EVR
Ach EVR
14
13
12
11
10
9
8
Ach OPAMP
Bch OPAMP
Ach EVR AMP
Bch EVR AMP VREF AMP


Similar Part No. - NJM2172

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJM2172 NISSHINBO-NJM2172 Datasheet
334Kb / 16P
OPERATIONAL AMPLIFIER WITH EVR
Ver.2026-04-03
NJM2172V NISSHINBO-NJM2172V Datasheet
334Kb / 16P
OPERATIONAL AMPLIFIER WITH EVR
Ver.2026-04-03
More results

Similar Description - NJM2172

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2123 NJRC-NJM2123 Datasheet
362Kb / 9P
DUAL OPERATIONAL AMPLIFIER WITH SWITCH?
logo
National Semiconductor ...
LMV111 NSC-LMV111 Datasheet
337Kb / 9P
Operational Amplifier with Bias Network
logo
Rohm
BA3530FS ROHM-BA3530FS Datasheet
77Kb / 6P
Headphone amplifier with internal LPF and EVR for CD-ROM
BH3540AFS ROHM-BH3540AFS Datasheet
77Kb / 5P
Headphone amplifier with internal LPF and EVR for CD-ROM
logo
New Japan Radio
NJU7394 NJRC-NJU7394 Datasheet
213Kb / 16P
Pushbutton Interface EVR
NJU8790 NJRC-NJU8790 Datasheet
361Kb / 15P
Pushbutton Interface EVR with Class D Stereo Power Amplifier
logo
SG Micro Corp
SGM8543 SGMICRO-SGM8543 Datasheet
383Kb / 12P
Operational Amplifier with Shutdown
SGM8924A SGMICRO-SGM8924A Datasheet
293Kb / 8P
Operational Amplifier with Shutdown
logo
Texas Instruments
OPA322 TI1-OPA322_16 Datasheet
1Mb / 38P
CMOS Operational Amplifier with Shutdown
OPA322-Q1 TI1-OPA322-Q1 Datasheet
1Mb / 26P
CMOS Operational Amplifier With Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com