Electronic Components Datasheet Search
  English  ▼

X  

TC1073 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1073
Description  50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1073 Datasheet(HTML) 1 Page - Microchip Technology

  TC1073 Datasheet HTML 1Page - Microchip Technology TC1073 Datasheet HTML 2Page - Microchip Technology TC1073 Datasheet HTML 3Page - Microchip Technology TC1073 Datasheet HTML 4Page - Microchip Technology TC1073 Datasheet HTML 5Page - Microchip Technology TC1073 Datasheet HTML 6Page - Microchip Technology TC1073 Datasheet HTML 7Page - Microchip Technology TC1073 Datasheet HTML 8Page - Microchip Technology TC1073 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© 2002 Microchip Technology Inc.
DS21354B-page 1
TC1072/TC1073
Features
• Zero Ground Current for Longer Battery Life
• Very Low Dropout Voltage
• Choice of 50mA (TC1072) and 100mA (TC1073)
Output
• High Output Voltage Accuracy
• Standard or Custom Output Voltages
• Power-Saving Shutdown Mode
• ERROR Output Can Be Used as a Low Battery
Detector or Processor Reset Generator
• Bypass Input for Ultra Quiet Operation
• Over Current and Over Temperature Protection
• Space-Saving 6-Pin SOT-23A Package
• Pin Compatible Upgrades for Bipolar Regulators
Applications
• Battery Operated Systems
• Portable Computers
• Medical Instruments
• Instrumentation
• Cellular/GSM/PHS Phones
• Linear Post-Regulators for SMPS
• Pagers
Device Selection Table
NOTE: xx indicates output voltages
Available Output Voltages: 2.5, 2.7, 2.8, 2.85, 3.0, 3.3, 3.6,
4.0, 5.0.
Other output voltages are available. Please contact Microchip
Technology Inc. for details.
Package Type
Part Number
Package
Junction
Temp. Range
TC1072-xxVCH
6-Pin SOT-23A
-40°C to +125°C
TC1073-xxVCH
6-Pin SOT-23A
-40°C to +125°C
SHDN
6
6-Pin SOT-23A
TC1072
TC1073
13
4
2
VIN
VOUT
GND
Bypass
5
ERROR
NOTE: 6-Pin SOT-23A is equivalent to the EIAJ (SC-74A)
50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass


Similar Part No. - TC1073

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1073 MICROCHIP-TC1073 Datasheet
727Kb / 22P
50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
2007
logo
Transcom, Inc.
TC1073 TRANSCOM-TC1073 Datasheet
73Kb / 3P
9.2 - 10.2 GHz 26 dBm MMIC
logo
Microchip Technology
TC1073 MICROCHIP-TC1073 Datasheet
658Kb / 22P
50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
12/08/06
TC1073-1.8VCH713 MICROCHIP-TC1073-1.8VCH713 Datasheet
658Kb / 22P
50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
12/08/06
TC1073-2.5VCH713 MICROCHIP-TC1073-2.5VCH713 Datasheet
658Kb / 22P
50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
12/08/06
More results

Similar Description - TC1073

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1072 TELCOM-TC1072 Datasheet
126Kb / 12P
50mA CMOS LDO WITH SHUTDOWN, ERROR OUTPUT AND VREF BYPASS
logo
Microchip Technology
TC1014 MICROCHIP-TC1014 Datasheet
558Kb / 20P
50mA, 100mA and 150mA CMOS LDOs with Shutdown and Reference Bypass
2002
TC1054 MICROCHIP-TC1054 Datasheet
501Kb / 18P
50mA, 100mA and 150mA CMOS LDOs with Shutdown and ERROR Output
2002
TC2054 MICROCHIP-TC2054 Datasheet
519Kb / 16P
50mA, 100mA, and 150mA CMOS LDOs with Shutdown and Error Output
2002
TC1070 MICROCHIP-TC1070_07 Datasheet
650Kb / 20P
50mA, 100mA and 150mA Adjustable CMOS LDOs with Shutdown
2007
TC1072 MICROCHIP-TC1072_07 Datasheet
727Kb / 22P
50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
2007
TC1223 MICROCHIP-TC1223 Datasheet
476Kb / 14P
50mA and 100mA CMOS LDOs with Shutdown
2002
TC1223 MICROCHIP-TC1223_13 Datasheet
240Kb / 16P
50mA and 100mA CMOS LDOs with Shutdown
2002-2012 10/26/12
TC1072-25VCH713 MICROCHIP-TC1072-25VCH713 Datasheet
658Kb / 22P
50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
12/08/06
TC1224-50VCTTR MICROCHIP-TC1224-50VCTTR Datasheet
463Kb / 14P
50mA and 100mA CMOS LDOs with Shutdown
05/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com