Electronic Components Datasheet Search
  English  ▼

X  

TC1073 Datasheet(PDF) 10 Page - Microchip Technology

Part # TC1073
Description  50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1073 Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC1073 Datasheet HTML 6Page - Microchip Technology TC1073 Datasheet HTML 7Page - Microchip Technology TC1073 Datasheet HTML 8Page - Microchip Technology TC1073 Datasheet HTML 9Page - Microchip Technology TC1073 Datasheet HTML 10Page - Microchip Technology TC1073 Datasheet HTML 11Page - Microchip Technology TC1073 Datasheet HTML 12Page - Microchip Technology TC1073 Datasheet HTML 13Page - Microchip Technology TC1073 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
TC1072/TC1073
DS21354B-page 10
© 2002 Microchip Technology Inc.
5.0
TYPICAL CHARACTERISTICS (CONTINUED)
(Unless Otherwise Specified, All Parts Are Measured At Temperature = 25°C)
4.985
4.990
4.995
5.000
5.005
5.010
5.015
5.020
5.025
-40
-20
-10
0
20
40
85
125
ILOAD = 10mA
VIN = 6V
CIN = 1µF
COUT = 1µF
TEMPERATURE (
°C)
Output Voltage vs. Temperature (VOUT = 5V)
0
10
20
30
40
50
60
70
-40
-20
-10
0
20
40
85
125
ILOAD = 10mA
VIN = 6V
CIN = 1µF
COUT = 1µF
TEMPERATURE (
°C)
Temperature
vs. Quiescent Current (VOUT = 5V)
4.974
4.976
4.978
4.980
4.982
4.984
4.986
4.988
4.990
4.992
4.994
-40
-20
-10
0
20
40
85
125
ILOAD = 150mA
VIN = 6V
CIN = 1µF
COUT = 1µF
TEMPERATURE (
°C)
Output Voltage vs. Temperature (VOUT = 5V)
Temperature vs. Quiescent Current (VOUT = 5V)
0
10
20
30
40
50
60
70
80
-40
-20
-10
0
20
40
85
125
ILOAD = 150mA
VIN = 6V
CIN = 1µF
COUT = 1µF
TEMPERATURE (
°C)
10.0
1.0
0.1
0.0
0.01K 0.1K
1K
10K
100K
1000K
FREQUENCY (Hz)
Output Noise vs. Frequency
RLOAD = 50Ω
COUT = 1µF
CIN = 1µF
CBYP = 0
1000
100
10
1
0.1
0.01
0
10 20 30 40 50 60 70 80 90 100
LOAD CURRENT (mA)
Stability Region vs. Load Current
COUT = 1µF
to 10
µF
Stable Region
Stable Region
-30
-35
-40
-45
-50
-60
-55
-65
-70
-75
-80
0.01K 0.1K
1K
10K
100K 1000K
FREQUENCY (Hz)
Power Supply Rejection Ratio
IOUT = 10mA
VINDC = 4V
VINAC = 100mVp-p
VOUT = 3V
CIN = 0
COUT = 1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com