Electronic Components Datasheet Search
  English  ▼

X  

MSM63V89C Datasheet(PDF) 3 Page - OKI electronic componets

Part # MSM63V89C
Description  1,048,576-Word x 1-Bit Solid-State Recorder Data Register
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM63V89C Datasheet(HTML) 3 Page - OKI electronic componets

  MSM63V89C Datasheet HTML 1Page - OKI electronic componets MSM63V89C Datasheet HTML 2Page - OKI electronic componets MSM63V89C Datasheet HTML 3Page - OKI electronic componets MSM63V89C Datasheet HTML 4Page - OKI electronic componets MSM63V89C Datasheet HTML 5Page - OKI electronic componets MSM63V89C Datasheet HTML 6Page - OKI electronic componets MSM63V89C Datasheet HTML 7Page - OKI electronic componets MSM63V89C Datasheet HTML 8Page - OKI electronic componets MSM63V89C Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
¡ Semiconductor
MSM63V89C
3/10
PIN DESCRIPTIONS
Data input
Pin
Description
1
Write enable
2
Test input
3, 24
Chip select
5
Serial address data
9
Serial address strobe
11
Transfer address strobe
12
Power supply (3.3 V)
13
Auto-Refresh/Self-Refresh Select
14
Refresh Clock Input
15
Fast Access Mode Select
16
Read/write clock
18
Data output
25
Ground (0 V)
26
Symbol
DIN
WE
TEST
CS
SAD
SAS
TAS
VCC
RS/A
RFSH
FAM
RWCK
DOUT
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com