Electronic Components Datasheet Search
  English  ▼

X  

MSM63V89C Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM63V89C
Description  1,048,576-Word x 1-Bit Solid-State Recorder Data Register
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM63V89C Datasheet(HTML) 4 Page - OKI electronic componets

  MSM63V89C Datasheet HTML 1Page - OKI electronic componets MSM63V89C Datasheet HTML 2Page - OKI electronic componets MSM63V89C Datasheet HTML 3Page - OKI electronic componets MSM63V89C Datasheet HTML 4Page - OKI electronic componets MSM63V89C Datasheet HTML 5Page - OKI electronic componets MSM63V89C Datasheet HTML 6Page - OKI electronic componets MSM63V89C Datasheet HTML 7Page - OKI electronic componets MSM63V89C Datasheet HTML 8Page - OKI electronic componets MSM63V89C Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
¡ Semiconductor
MSM63V89C
4/10
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Rating
Unit
Terminal Voltage
VT
Ta = 25°C, relative to VSS
–1.0 to +7.0
V
Output Short-Circuit Current
IOS
Ta = 25°C
50
mA
Power Dissipation
PD
Ta = 25°C
1
W
Operating Temperature
Top
—
0 to 70
°C
Storage Temperature
TSTG
—
–55 to +150
°C
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
DC Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply Voltage
VCC
2.7
3.3
3.6
V
Supply Voltage
VSS
000
V
VIH
VCC – 0.5
VCC
VCC + 0.5
V
VIL
–0.5
0
+0.5
V
"H" Input Voltage
"L" Input Voltage
(Ta = 0 to 70°C)
Parameter
Symbol
Condition
Min.
Max.
Unit
"H" Output Voltage
VOH
IOH = –0.5 mA
VCC – 0.5
—
V
"L" Output Voltage
VOL
IOL = 0.5 mA
—
0.4
V
Input Leakage Current
ILI
VI = 0 V to VCC
–1
+1
mA
Output Leakage Current
ILO
VO = 0 V to VCC
–1
+1
mA
Supply Current (in operating state)
ICC1
VCC = 3 V, tRWC = 2 µs
—
3
mA
Supply Current (FAM)
ICC3
VCC = 3 V, tRWC = 0.4 ms
—
10
mA
Supply Current (in standby state)
ICC2
VCC = 3 V
—
50
mA
(VCC = 2.7 V to 3.6 V, Ta = 0 to 70°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com