Electronic Components Datasheet Search
  English  ▼

X  

1SS304 Datasheet(PDF) 3 Page - NEC

Part # 1SS304
Description  SILICON SWITCHING DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

1SS304 Datasheet(HTML) 3 Page - NEC

  1SS304 Datasheet HTML 1Page - NEC 1SS304 Datasheet HTML 2Page - NEC 1SS304 Datasheet HTML 3Page - NEC 1SS304 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Data Sheet D16309EJ2V0DS
3
1SS304
REVERSE RECOVERY TIME (trr) TEST CIRCUIT
Pulse
Generator
(50
Ω)
Sampling
Oscilloscope
(50
Ω)
DC
Source
Trigger
0.02
µF
D.U.T.
3 k
Ω
+
−
IF = 10 mA, VR = 6.0 V, RL = 100
Ω
irr = 0.1• Ir
Input Voltage
Waveform to Diode
Output Current
Waveform in Diode
VF
IF
VR
Ir
0
0
trr
0.1• Ir



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com