Electronic Components Datasheet Search
  English  ▼

X  

DS2703 Datasheet(PDF) 16 Page - Dallas Semiconductor

Part # DS2703
Description  SHA-1 Battery Pack Authentication IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2703 Datasheet(HTML) 16 Page - Dallas Semiconductor

Back Button DS2703 Datasheet HTML 12Page - Dallas Semiconductor DS2703 Datasheet HTML 13Page - Dallas Semiconductor DS2703 Datasheet HTML 14Page - Dallas Semiconductor DS2703 Datasheet HTML 15Page - Dallas Semiconductor DS2703 Datasheet HTML 16Page - Dallas Semiconductor DS2703 Datasheet HTML 17Page - Dallas Semiconductor DS2703 Datasheet HTML 18Page - Dallas Semiconductor DS2703 Datasheet HTML 19Page - Dallas Semiconductor DS2703 Datasheet HTML 20Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
DS2703 SHA-1 Battery Pack Authentication IC
16 of 20
Table 7. All Function Commands
COMMAND
HEX
FUNCTION
Write Challenge
0C
Writes 64-bit challenge for SHA-1 processing. Required prior to all Compute
MAC and Compute Next Secret commands.
Compute MAC
without ROM_ID and
return MAC
36
Computes hash of W0-W15 with logical 1’s in place of the ROM_ID.
Compute MAC
with ROM_ID and
return MAC
35
Computes hash of W0-W15 with the ROM_ID.
Load Secret
5A
Writes the 64-bit Secret to supplied data. Requires programming voltage on
DQ.
Compute Next Secret
without ROM ID
30
Generates new global secret. Requires programming pulse.
Compute Next Secret
with ROM ID
33
Generates new unique secret. Requires programming pulse.
Lock Secret
6A
Sets lock bit to prevent changes to the Secret. Requires programming pulse.
Set Overdrive
8B
Sets 1-Wire interface timings to OVERDRIVE. Requires programming pulse.
Clear Overdrive
8D
Sets 1-Wire interface timings to STANDARD. Requires programming pulse.
Reset
BB
Resets DS2703 (Software POR).
Table 8. Guide to Function Command Requirements
COMMAND
STRONG PULLUP
ON DQ
ISSUE 00h
BEFORE READ
READ/WRITE
TIME SLOTS
PROGRAMMING
PULSE
Write Challenge
Write: 64
Compute MAC
X
X
Read: up to 160
Compute Next Secret
X
X
Lock Secret,
Set/Clear Overdrive
X
Load Secret
Write: 64
X
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com