Electronic Components Datasheet Search
  English  ▼

X  

DS2703 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS2703
Description  SHA-1 Battery Pack Authentication IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2703 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS2703 Datasheet HTML 1Page - Dallas Semiconductor DS2703 Datasheet HTML 2Page - Dallas Semiconductor DS2703 Datasheet HTML 3Page - Dallas Semiconductor DS2703 Datasheet HTML 4Page - Dallas Semiconductor DS2703 Datasheet HTML 5Page - Dallas Semiconductor DS2703 Datasheet HTML 6Page - Dallas Semiconductor DS2703 Datasheet HTML 7Page - Dallas Semiconductor DS2703 Datasheet HTML 8Page - Dallas Semiconductor DS2703 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
DS2703 SHA-1 Battery Pack Authentication IC
4 of 20
PIN DESCRIPTION
PIN
NAME
FUNCTION
1
THM
Thermistor Mux. Connect a thermistor from THM to DQ. Optional. For temperature
measurements only. If a thermistor is not used in the application, It is recommended THM
be tied to DQ with a 50KΩ resistor instead. THM should never be left floating.
2
VSS
Device Ground. Connect directly to the negative terminal of the battery cell.
3
DQ
Data Input/Output. 1-Wire data line. Open-drain output driver. Connect this pin to the
DATA terminal of the battery pack. This pin has a weak internal pulldown (1µA Typical).
4
VB
Hold-up Supply Bypass Input. Internal power supply to the DS2703 while DQ is low.
Connect a 0.22µF capacitor from VB to VSS.
5
NC
No Connect. Pin not connected internally, float or connect to VSS.
6
NC
No Connect. Pin not connected internally, float or connect to VSS.
7
NC
No Connect. Pin not connected internally, float or connect to VSS.
8
NC
No Connect. Pin not connected internally, float or connect to VSS.
Figure 1. Block Diagram
1-Wire
Interface
Command
Processor
2 x 32 bit
Rom ID
EEPROM
Write Control
VB
DQ
THM
2 x 32 bit
Challenge
SHA-1
Engine
2 x 32-bit
Secret
MAC Buffer
(Registers
A - E)
VSS
Fixed Data
& Constants
Response
Timing
Generator
To Command
Processor
Driver
V
DD_INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com