Electronic Components Datasheet Search
  English  ▼

X  

AC16DSMA Datasheet(PDF) 4 Page - NEC

Part # AC16DSMA
Description  16A MOLD ISOLATED TRIAC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

AC16DSMA Datasheet(HTML) 4 Page - NEC

  AC16DSMA Datasheet HTML 1Page - NEC AC16DSMA Datasheet HTML 2Page - NEC AC16DSMA Datasheet HTML 3Page - NEC AC16DSMA Datasheet HTML 4Page - NEC AC16DSMA Datasheet HTML 5Page - NEC AC16DSMA Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Data Sheet D17166EJ3V0DS
4
AC16DSMA,AC16FSMA
Figure 7. iGT vs.
τ CHARACTERISTIC
Figure 8.
νGT vs. τ CHARACTERISTIC
10000
1000
100
10
1
1
1000
100
10
Trigger mode
I, III, IV
Trigger mode
I, III, IV
5
4
3
2
1
0
1
1000
100
10
τ - Pulse Width -
µs
τ - Pulse Width -
µs
Figure 9. IH vs. TA CHARACTERISTIC
Figure 10. PT(AV) vs. IT(RMS) CHARACTERISTIC
70
60
50
40
30
20
10
0
−50
150
100
50
0
24
22
20
18
16
14
12
10
8
6
4
2
0
024
10
8
6
4
212
22
20
18
16
14
TA - Ambient Temperature - °C
IT(RMS) - RMS On-state Current - A
Figure 11. TC vs. IT(RMS) RATING
Figure 12. TA vs. IT(RMS) RATING
140
120
100
80
60
40
20
0
010
8
6
4
212
20
18
16
14
140
120
100
80
60
40
20
0
0
2.0
1.0
IT(RMS) - RMS On-state Current - A
IT(RMS) - RMS On-state Current - A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com