Electronic Components Datasheet Search
  English  ▼

X  

AC16DSMA Datasheet(PDF) 1 Page - NEC

Part # AC16DSMA
Description  16A MOLD ISOLATED TRIAC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

AC16DSMA Datasheet(HTML) 1 Page - NEC

  AC16DSMA Datasheet HTML 1Page - NEC AC16DSMA Datasheet HTML 2Page - NEC AC16DSMA Datasheet HTML 3Page - NEC AC16DSMA Datasheet HTML 4Page - NEC AC16DSMA Datasheet HTML 5Page - NEC AC16DSMA Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
THYRISTORS
AC16DSMA,AC16FSMA
16 A MOLD ISOLATED TRIAC
DATA SHEET
Document No. D17166EJ3V0DS00 (3rd edition)
(Previous No. SC-2106A)
Date Published June 2004 NS CP(K)
Printed in Japan
1988
The mark
shows major revised points.
DESCRIPTION
The AC16DSMA and AC16FSMA are all diffused mold type
triac granted RMS on-state current 16 A, with rated voltages up
to 600 V.
FEATURES
• Isolated plastic package (modified TO-220AB)
• 150 A surge current
APPLICATIONS
• Motor speed control
• Lamp dimmer, temperature controllers
• Various solid state switches, etc.
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
AC16DSMA
AC16FSMA
Unit
Remarks
Non-repetitive Peak Off-state Voltage
VDSM
500
700
V
−
Repetitive Peak Off-state Voltage
VDRM
400
600
V
−
RMS On-state Current
IT(RMS)
16 (TC = 68°C)
A
Refer to Figure 11.
Surge On-state Current
ITSM
A
Refer to Figure 2.
150 (50 Hz 1 cycle)
165 (60 Hz 1 cycle)
Fusing Current
∫ iT2dt
100 (1 ms
≤ t ≤ 10 ms)
A
2s
−
Critical Rate Rise of On-state Current
dIT/dt
50
A/
µs
−
Peak Gate Power Dissipation
PGM
5 (f
≥ 50 Hz, Duty ≤ 10%)
W
Refer to Figure 3.
Average Gate Power Dissipation
PG(AV)
0.5
W
Peak Gate Current
IGM
±3 (f
≥ 50 Hz, Duty ≤ 10%)
A
Junction Temperature
Tj
−40~+125
°C
−
Storage Temperature
Tstg
−55~+150
°C
−
PACKAGE DRAWING (Unit: mm)
10.5 MAX.
7 ±0.2
3.2 ±0.2
φ
3.0 MAX.
1.3 ±0.2
0.8 ±0.1
2.54 TYP.
2.54 TYP.
1.5 ±0.2
4.7 MAX.
2.5 ±0.1
0.5 ±0.1
12 3
Triac
1: T1
2: T2
3: Gate
Standard weight: 2 g
*
*
: TC test bench-mark


Similar Part No. - AC16DSMA

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
AC16DSMA KERSEMI-AC16DSMA Datasheet
1Mb / 5P
Isolated plastic package (modified TO-220AB)
logo
Renesas Technology Corp
AC16DSMA RENESAS-AC16DSMA Datasheet
403Kb / 8P
16 A RESIN MOLD TYPE TRIAC
April 1st, 2010
More results

Similar Description - AC16DSMA

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE56058 NTE-NTE56058 Datasheet
21Kb / 2P
TRIAC, 16A
logo
KEC(Korea Electronics)
T16A6CI KEC-T16A6CI Datasheet
81Kb / 3P
BI-DIRECTIONAL TRIODE THYRISTOR 16A MOLD TRIAC (AC POWER CONTROL)
logo
NEC
AC03DSM NEC-AC03DSM Datasheet
876Kb / 6P
3 A MOLD ISOLATED TRIAC
logo
List of Unclassifed Man...
TG-F ETC-TG-F Datasheet
663Kb / 6P
ISOLATED TRIAC MOLD TYPE
logo
SanRex Corporation
TG16C SANREX-TG16C Datasheet
465Kb / 2P
TRIAC (ISOLATED MOLD TYPE)
logo
NEC
AC01DGM NEC-AC01DGM Datasheet
1Mb / 6P
1A MOLD TRIAC
AC03DGM NEC-AC03DGM Datasheet
179Kb / 6P
3A MOLD TRIAC
AC08DGM NEC-AC08DGM Datasheet
688Kb / 6P
8A MOLD TRIAC
AC16DGM NEC-AC16DGM Datasheet
648Kb / 6P
16A MOLD TRIAC
logo
Renesas Technology Corp
AC03DJM RENESAS-AC03DJM Datasheet
444Kb / 8P
3A MOLD TRIAC
1988
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com