Electronic Components Datasheet Search
  English  ▼

X  

P005-010 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # P005-010
Description  Heavy-Duty C13 to C14 PDU-Style Power Extension Cable - 15A, 100??50V, 14 AWG, 10 ft., Black
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P005-010 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  P005-010 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P005-010 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved P005-010 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© 2019 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
INPUT
Maximum Input Amps
15
Cable Length (ft.)
10
Cable Length (m)
3.1
Voltage Compatibility (VAC)
100-250
PHYSICAL
Power Cord Jacket Type
SJT
Wire Gauge (AWG)
14
Wire Gauge (OD - mm²)
2.08
Shipping Dimensions (hwd / in.)
14.17 x 11.80 x 0.50
Shipping Dimensions (hwd / cm)
35.99 x 29.97 x 1.27
Shipping Weight (lbs.)
1.05
Shipping Weight (kg)
0.48
Color
Black
Number of Conductors
3
ENVIRONMENTAL
Operating Temperature Range
-4 F (-20 C) to 140 F (60 C)
Storage Temperature Range
-4 F (-20 C) to 140 F (60 C)
Operating Humidity Range
10-85% RH
Storage Humidity Range
10-85% RH
CONNECTIONS
Side A - Connector 1
IEC-320-C14
Side B - Connector 1
IEC-320-C13
SPECIAL FEATURES
High Voltage
Yes
Heavy-Duty
Yes
Locking Plug
No
WARRANTY
Product Warranty Period
(Worldwide)
Lifetime limited warranty
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com