Electronic Components Datasheet Search
  English  ▼

X  

P005-010 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P005-010
Description  Heavy-Duty C13 to C14 PDU-Style Power Extension Cable - 15A, 100??50V, 14 AWG, 10 ft., Black
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P005-010 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P005-010 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P005-010 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved P005-010 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications
Heavy-Duty C13 to C14 PDU-Style Power
Extension Cable - 15A, 100–250V, 14 AWG, 10 ft.,
Black
MODEL NUMBER: P005-010
Computer power extension cord connects devices with C13/C14 power connectors or extends your
existing power connection by 10 ft.
Features
C14-to-C13 Power Cable Connects Computers, Printers, Servers and Other Equipment
This IEC-320-C14 to IEC-320-C13 cable features 14 AWG wire suitable for high power connections,
making it a reliable solution for large server applications that require a higher-rated, heavier-gauge cable.
This C14 male to C13 female cord can be used to connect a computer, server, monitor or drive to a UPS
system or PDU or replace or upgrade the standard power cord provided by the device’s manufacturer.
The 10-foot length allows you great flexibility in placing equipment with respect to the power outlet.
Highlights
Recommended for powering
computers, servers and other
network devices
q
10 ft. length allows great
flexibility in placing devices in
relationship to AC outlet
q
PDU-style cord replaces or
upgrades standard power cord
provided by manufacturer
q
Thick 14 AWG wire gauge
manages high power levels
required for larger equipment
q
Applications
Connect devices like computers,
servers and monitors to a PDU
up to 10 ft. away in your data
center
q
Extend an existing power
connection up to 10 ft. to more
easily place a device or reach a
power source in a rack
q
Update or replace the standard
power cord provided by a
device’s original manufacturer
q
Package Includes
P005-010 Heavy-Duty C13 to
C14 PDU-Style Power
Extension Cable, 10 ft., Black
q
OVERVIEW
UPC Code
037332140906
Country/Region
North America
1 / 3


Similar Part No. - P005-010

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P005-010 TRIPPLITE-P005-010 Datasheet
423Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C14 to IEC-320-C13), 10-ft.
P005-010-14LA TRIPPLITE-P005-010-14LA Datasheet
161Kb / 3P
C13 to Left-Angle C14 PDU-Style Power Extension Cord, Heavy Duty - 15A, 100??50V, 14 AWG, 10 ft., Black
P005-010-14RA TRIPPLITE-P005-010-14RA Datasheet
161Kb / 3P
C13 to Right-Angle C14 PDU-Style Power Extension Cord, Heavy Duty - 15A, 100??50V, 14 AWG, 10 ft., Black
P005-010. TRIPPLITE-P005-010. Datasheet
423Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C14 to IEC-320-C13), 10-ft.
P005-010 TRIPPLITE-P005-010_V01 Datasheet
423Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C14 to IEC-320-C13), 10-ft.
More results

Similar Description - P005-010

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P005-002 TRIPPLITE-P005-002 Datasheet
162Kb / 3P
Heavy-Duty C13 to C14 PDU-Style Power Extension Cable - 15A, 100??50V, 14 AWG, 2 ft., Black
P005-002-ABL TRIPPLITE-P005-002-ABL Datasheet
177Kb / 3P
Heavy-Duty C13 to C14 PDU-Style Power Extension Cable - 15A, 100??50V, 14 AWG, 2 ft., Blue
P005-002-AOR TRIPPLITE-P005-002-AOR Datasheet
178Kb / 3P
Heavy-Duty C13 to C14 PDU-Style Power Extension Cable - 15A, 100??50V, 14 AWG, 2 ft., Orange
P005-002-ARD TRIPPLITE-P005-002-ARD Datasheet
179Kb / 3P
Heavy-Duty C13 to C14 PDU-Style Power Extension Cable - 15A, 100??50V, 14 AWG, 2 ft., Red
P005-002-AWH TRIPPLITE-P005-002-AWH Datasheet
166Kb / 3P
Heavy-Duty C13 to C14 PDU-Style Power Extension Cable - 15A, 100??50V, 14 AWG, 2 ft., White
P005-003 TRIPPLITE-P005-003 Datasheet
162Kb / 3P
Heavy-Duty C13 to C14 PDU-Style Power Extension Cable - 15A, 100??50V, 14 AWG, 3 ft., Black
P005-003-AOR TRIPPLITE-P005-003-AOR Datasheet
178Kb / 3P
Heavy-Duty C13 to C14 PDU-Style Power Extension Cable - 15A, 100??50V, 14 AWG, 3 ft., Orange
P005-006-ABL TRIPPLITE-P005-006-ABL Datasheet
179Kb / 3P
Heavy-Duty C13 to C14 PDU-Style Power Extension Cable - 15A, 100??50V, 14 AWG, 6 ft., Blue
P005-12N TRIPPLITE-P005-12N Datasheet
161Kb / 3P
Heavy-Duty C13 to C14 PDU-Style Power Extension Cable - 15A, 100??50V, 14 AWG, 1 ft., Black
P005-18N TRIPPLITE-P005-18N Datasheet
162Kb / 3P
Heavy-Duty C13 to C14 PDU-Style Power Extension Cable - 15A, 100??50V, 14 AWG, 1.5 ft., Black
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com