Electronic Components Datasheet Search
  English  ▼

X  

AS7C4096-20JC Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS7C4096-20JC
Description  5V/3.3V 512K X8 CMOS SRAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C4096-20JC Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS7C4096-20JC Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C4096-20JC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C4096-20JC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C4096-20JC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C4096-20JC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C4096-20JC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C4096-20JC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C4096-20JC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C4096-20JC Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
January 2005
Copyright © Alliance Semiconductor. All rights reserved.
AS7C4096
AS7C34096
5V/3.3V 512K × 8 CMOS SRAM
®
1/13/05; v.1.9
Alliance Semiconductor
P. 1 of 9
Features
• AS7C4096 (5V version)
• AS7C34096 (3.3V version)
• Industrial and commercial temperature
• Organization: 524,288 words × 8 bits
• Center power and ground pins
• High speed
- 10/12/15/20 ns address access time
- 5/6/7/8 ns output enable access time
• Low power consumption: ACTIVE
- 1375 mW (AS7C4096) / max @ 12 ns
- 576 mW (AS7C34096) / max @ 10 ns
• Low power consumption: STANDBY
- 110 mW (AS7C4096) / max CMOS
- 72 mW (AS7C34096) / max CMOS
• Equal access and cycle times
• Easy memory expansion with CE, OE inputs
• TTL-compatible, three-state I/O
• JEDEC standard packages
- 400 mil 36-pin SOJ
- 44-pin TSOP 2
• ESD protection
≥ 2000 volts
• Latch-up current
≥ 100 mA
Logic block diagram
524,288 × 8
Array
(4,194,304)
Input buffer
I/O8
I/O1
OE
CE
WE
Column decoder
Control
Circuit
A0
A1
A2
A3
A4
A5
A6
A7
VCC
GND
A8
A9
Pin arrangement
s
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
A15
OE
I/O8
I/O7
GND
VCC
I/O6
I/O5
A14
A13
A12
A11
A10
NC
A0
A1
A2
A3
A4
CE
I/O1
I/O2
VCC
GND
I/O3
I/O4
WE
A5
A6
A7
17
18
A8
A9
36
35
34
33
NC
A18
A17
A16
GND
VCC
I/O6
I/O5
NC
A14
A13
A12
A11
A10
A4
CE
I/O1
I/O2
VCC
GND
I/O3
I/O4
WE
A5
A6
A7
A8
A9
I/O8
I/O7
A1
A2
A3
A0
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
43
42
41
44
A16
A15
A17
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
2
3
4
1
NC
NC
NC
NC
NC
NC
NC
NC
NC
OE
A18
36-pin SOJ (400 mil)
44-pin TSOP 2
Selection guide
–10
–12
–15
–20
Unit
Maximum address access time
10
12
15
20
ns
Maximum outputenable access time
5
6
7
8
ns
Maximum operating current
AS7C4096
–
250
220
180
mA
AS7C34096
160
130
110
100
mA
Maximum CMOS standby current
AS7C4096
–
20
20
20
mA
AS7C34096
20
20
20
20
mA


Similar Part No. - AS7C4096-20JC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C4096A ALSC-AS7C4096A Datasheet
324Kb / 10P
5.0V 512K x 8 CMOS SRAM
AS7C4096A-10JC ALSC-AS7C4096A-10JC Datasheet
324Kb / 10P
5.0V 512K x 8 CMOS SRAM
AS7C4096A-10JCN ALSC-AS7C4096A-10JCN Datasheet
324Kb / 10P
5.0V 512K x 8 CMOS SRAM
AS7C4096A-10JI ALSC-AS7C4096A-10JI Datasheet
324Kb / 10P
5.0V 512K x 8 CMOS SRAM
AS7C4096A-10JIN ALSC-AS7C4096A-10JIN Datasheet
324Kb / 10P
5.0V 512K x 8 CMOS SRAM
More results

Similar Description - AS7C4096-20JC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T129Y STMICROELECTRONICS-M48T129Y Datasheet
140Kb / 22P
3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
Apr-2000
M48T513Y STMICROELECTRONICS-M48T513Y Datasheet
145Kb / 23P
3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
20-Jun-2000
M48Z129Y STMICROELECTRONICS-M48Z129Y Datasheet
94Kb / 13P
3.3V/5V 1 Mbit 128Kb x8 ZEROPOWER SRAM
20-Jun-2000
M68AF511A STMICROELECTRONICS-M68AF511A Datasheet
129Kb / 18P
4 Mbit (512K x8), 5V Asynchronous SRAM
09-Oct-2002
logo
Alliance Semiconductor ...
AS7C1025 ALSC-AS7C1025 Datasheet
196Kb / 9P
5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
AS7C31026 ALSC-AS7C31026 Datasheet
239Kb / 10P
5V/3.3V 64Kx6 CMOS SRAM
AS7C513 ALSC-AS7C513 Datasheet
198Kb / 10P
5V/3.3V 32Kx6 CMOS SRAM
logo
STMicroelectronics
M68AF511AL STMICROELECTRONICS-M68AF511AL Datasheet
93Kb / 18P
4 Mbit (512K x8), 5V Asynchronous SRAM
17-May-2002
logo
Alliance Semiconductor ...
AS7C1026 ALSC-AS7C1026 Datasheet
238Kb / 10P
5V / 3.3V 64KX16 CMOS SRAM
logo
Hynix Semiconductor
HY62V8400A HYNIX-HY62V8400A Datasheet
181Kb / 11P
512K x8 bit 3.3V Low Power CMOS slow SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com