Electronic Components Datasheet Search
  English  ▼

X  

AS7C4096-20JC Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # AS7C4096-20JC
Description  5V/3.3V 512K X8 CMOS SRAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C4096-20JC Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

  AS7C4096-20JC Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C4096-20JC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C4096-20JC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C4096-20JC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C4096-20JC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C4096-20JC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C4096-20JC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C4096-20JC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C4096-20JC Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
®
AS7C4096
AS7C34096
1/13/05; v.1.9
Alliance Semiconductor
P. 6 of 9
AC test conditions
Notes
1During VCC power-up, a pull-up resistor to VCC on CE is required to meet ISB specification.
2
This parameter is sampled, but not 100% tested.
3
For test conditions, see AC Test Conditions.
4tCLZ and tCHZ are specified with CL = 5pF as in Figure C. Transition is measured ±500 mV from steady-state voltage.
5
This parameter is guaranteed, but not tested.
6WE is HIGH for read cycle.
7CE and OE are LOW for read cycle.
8
Address valid prior to or coincident with CE transition Low.
9
All read cycle timings are referenced from the last valid address to the first transitioning address.
10 CE or WE must be HIGH during address transitions. Either CE or WE asserting high terminates a write cycle.
11 All write cycle timings are referenced from the last valid address to the first transitioning address.
12 Not applicable.
13 C = 30pF, except at high Z and low Z parameters, where C = 5pF.
350
Ω
C13
320
Ω
DOUT
GND
+3.3V
Figure C: 3.3V Output load
- Output load: see Figure B or Figure C.
- Input pulse level: GND to 3.0V. See Figures A, B, and C.
- Input rise and fall times: 2 ns. See Figure A.
- Input and output timing reference levels: 1.5V.
168
Ω
Thevenin equivalent:
DOUT
+1.728V
255
Ω
C13
480
Ω
DOUT
GND
+5V
Figure B: 5V Output load
10%
90%
10%
90%
GND
+3.0V
Figure A: Input pulse
2 ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com