Electronic Components Datasheet Search
  English  ▼

X  

LM193A Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM193A
Description  LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM193A Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM193A Datasheet HTML 1Page - National Semiconductor (TI) LM193A Datasheet HTML 2Page - National Semiconductor (TI) LM193A Datasheet HTML 3Page - National Semiconductor (TI) LM193A Datasheet HTML 4Page - National Semiconductor (TI) LM193A Datasheet HTML 5Page - National Semiconductor (TI) LM193A Datasheet HTML 6Page - National Semiconductor (TI) LM193A Datasheet HTML 7Page - National Semiconductor (TI) LM193A Datasheet HTML 8Page - National Semiconductor (TI) LM193A Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MNLM193A-X REV 1B3
MICROCIRCUIT DATA SHEET
(Continued)
Note 5:
This input current will only exist when the voltage at any of the input leads is
driven negative. It is due to the collector-base junction of the input PNP
transistors becoming forward biased and thereby acting as input diode clamps. In
addition to this diode action, there is also lateral NPN parasitic transistor action
on the IC chip. This transistor action can cause the output voltages of the
comparators to go to the V+ voltage level (or to ground for a large overdrive) for
the time duration that an input is driven negative. This is not destructive and
normal output states will re-establish when the input voltage, which was negative,
again returns to a value greater than -0.3Vdc.
Note 6:
Positive excursions of input voltage may exceed the power supply level. As long as
the other voltage remains within the common-mode range, the comparator will provide a
proper output state. The low input voltage state must not be less than -0.3Vdc (or
0.3Vdc below the magnitude of the negative power supply, if used).
Note 7:
Human body model, 1.5K Ohms in series with 100pF.
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com