Electronic Components Datasheet Search
  English  ▼

X  

LM193A Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM193A
Description  LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM193A Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM193A Datasheet HTML 2Page - National Semiconductor (TI) LM193A Datasheet HTML 3Page - National Semiconductor (TI) LM193A Datasheet HTML 4Page - National Semiconductor (TI) LM193A Datasheet HTML 5Page - National Semiconductor (TI) LM193A Datasheet HTML 6Page - National Semiconductor (TI) LM193A Datasheet HTML 7Page - National Semiconductor (TI) LM193A Datasheet HTML 8Page - National Semiconductor (TI) LM193A Datasheet HTML 9Page - National Semiconductor (TI) LM193A Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MNLM193A-X REV 1B3
MICROCIRCUIT DATA SHEET
Electrical Characteristics
AC PARAMETERS
(The following conditions apply to all the following parameters, unless otherwise specified.)
AC:
Vcc = 5V, Vcm = 0
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
tRLH
Response Time
V+ = 5V, Vod = 5mV
3
5.0
uS
9
V+ = 5V, Vod = 50mV
3
0.8
uS
9
tRHL
Response Time
V+ = 5V, Vod = 5mV
3
2.5
uS
9
V+ = 5V, Vod = 50mV
3
0.8
uS
9
DC PARAMETERS: DRIFT VALUES
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
V+ = 5V, Vcm = 0. "Delta calculations performed on Jan S and QMLV devices at Group B, Subgroup 5
ONLY."
Vio
Input Offset
Voltage
V+ = 30V, Vcm = 0
-1
1
mV
1
Iib+
Input Bias
Current
-15
15
nA
1
Iib-
Input Bias
Current
-15
15
nA
1
Note 1:
Parameter guaranteed by the Vio tests
Note 2:
Datalog reading in K = V/mV.
Note 3:
Bench Tested
Note 4:
The value for Vdiff is not data logged during Read and Record.
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com