Electronic Components Datasheet Search
  English  ▼

X  

1604366 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1604366
Description  EMC housing - HC-B 10-TMB-100/O1STM32S-EMV
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1604366 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1604366 Datasheet HTML 1Page - PHOENIX CONTACT 1604366 Datasheet HTML 2Page - PHOENIX CONTACT 1604366 Datasheet HTML 3Page - PHOENIX CONTACT 1604366 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/1604366
12/6/13   Page 1 / 4
EMC housing - HC-B 10-TMB-100/O1STM32S-EMV - 1604366
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
HEAVYCON ADVANCE EMV sleeve housing B10, with bayonet locking, height 100 mm, with 1xM32 thread,
lateral cable outlet
Key commercial data
Packing unit
1 PCE
Weight per Piece (excluding packing)
340.8 GRM
Custom tariff number
85389099
Country of origin
Germany
Technical data
Dimensions
Height
100 mm
Width
57 mm
Length
105 mm
Length of the assembly cutout
65 mm
Width of the assembly cutout
35 mm
Ambient conditions
Degree of protection of housing (IP)
IP65
IP67
Ambient temperature (operation)
-40 °C ... 125 °C
General
Note
For contact inserts HC-B10, BB18, DD42, M, K8/24
Design
B10
Housing type
Sleeve housings
Locking type
Bayonet locking
Cable exit
Lateral


Similar Part No. - 1604366

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1604362 PHOENIX-1604362 Datasheet
43Kb / 2P
Cable clamp type cage and shield adapter - RC-Z2221
1604364 PHOENIX-1604364 Datasheet
44Kb / 2P
Cable clamp type cage and shield adapter - RC-Z2222
1604368 PHOENIX-1604368 Datasheet
44Kb / 2P
Cable clamp type cage and shield adapter - RC-Z2225
More results

Similar Description - 1604366

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1604272 PHOENIX-1604272 Datasheet
61Kb / 4P
EMC housing - HC-B 10-TMB-100/O1STM25G-EMV
1604308 PHOENIX-1604308 Datasheet
61Kb / 4P
EMC housing - HC-B 10-TMB-100/O1STM25S-EMV
1604337 PHOENIX-1604337 Datasheet
61Kb / 4P
EMC housing - HC-B 10-TMB-100/O1STM32G-EMV
1604379 PHOENIX-1604379 Datasheet
68Kb / 4P
Housing - HC-B 10-TMB-100/O1STM32S-EUA
1604421 PHOENIX-1604421 Datasheet
67Kb / 4P
EMC housing - HC-B 16-TMB-100/O1STM32S-EMV
1604489 PHOENIX-1604489 Datasheet
63Kb / 4P
EMC housing - HC-B 16-TMB-100/O1STM40S-EMV
1604515 PHOENIX-1604515 Datasheet
61Kb / 4P
EMC housing - HC-B 24-TMB-100/O1STM32G-EMV
1604544 PHOENIX-1604544 Datasheet
61Kb / 4P
EMC housing - HC-B 24-TMB-100/O1STM32S-EMV
1604609 PHOENIX-1604609 Datasheet
63Kb / 4P
EMC housing - HC-B 24-TMB-100/O1STM40S-EMV
1642399 PHOENIX-1642399 Datasheet
66Kb / 3P
EMC housing - HC-B 10-TFQ-70/O1STM32S-EMV
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com