| Electronic Components Datasheet Search |
|
1604366 Datasheet(PDF) 2 Page - PHOENIX CONTACT |
|
|
|||||||||||||||||||||||||||||
1604366 Datasheet(HTML) 2 Page - PHOENIX CONTACT |
|
2 / 4 page ![]() https://www.phoenixcontact.com/us/products/1604366 12/6/13 Page 2 / 4 EMC housing - HC-B 10-TMB-100/O1STM32S-EMV - 1604366 Technical data General Screw connection None Type of the screw connection 1x M32 Housing material Aluminum die-cast Housing surface material EMC coating, silver Seal material NBR, conductive Material lock High-grade steel Material grip body interlock PA-GF Assembly instructions In order to guarantee that the ground conductor contact functions even when plugged in at an angle, the two panel mounting flanges must have sufficient electrical contact with the metal mounting panel. Connection If insulating powder coating is present on the control cabinet panel, it should be removed from the profile gasket area in order to ensure optimum shielding. Classifications eCl@ss eCl@ss 4.0 272607xx eCl@ss 4.1 27260701 eCl@ss 5.0 27143424 eCl@ss 5.1 27143424 eCl@ss 6.0 27371205 eCl@ss 7.0 27371205 eCl@ss 8.0 27371205 ETIM ETIM 2.0 EC000437 ETIM 3.0 EC000437 ETIM 4.0 EC000437 ETIM 5.0 EC000437 UNSPSC UNSPSC 6.01 31261502 UNSPSC 7.0901 31261502 UNSPSC 11 31261502 UNSPSC 12.01 31261502 UNSPSC 13.2 31261502 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |