Electronic Components Datasheet Search
  English  ▼

X  

NNCD6.8PL Datasheet(PDF) 3 Page - NEC

Part # NNCD6.8PL
Description  5-PIN SUPER SMALL MINI MOLD FLAT LEAD TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE QUAD TYPE: COMMON ANODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NNCD6.8PL Datasheet(HTML) 3 Page - NEC

  NNCD6.8PL Datasheet HTML 1Page - NEC NNCD6.8PL Datasheet HTML 2Page - NEC NNCD6.8PL Datasheet HTML 3Page - NEC NNCD6.8PL Datasheet HTML 4Page - NEC NNCD6.8PL Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Data Sheet D15989EJ1V0DS
3
NNCD6.8PL
TYPICAL CHARACTERISTICS (TA = 25
°°°°C)
Figure 1. P vs. TA RATING
Figure 2. IT vs. VBR CHARACTERISTICS
(A - K1, A - K2, A - K3, A - K4)
0
50
100
150
200
250
0
25
50
75
100
125
150
55.566.5
7
7.5
8
TA = 25°C
TA - Ambient Temperature - °C
VBR - Breakdown Voltage - V
Figure 3. Ct vs. VR CHARACTERISTICS
0
20
40
60
80
100
120
140
0.01
0.1
1
10
TA = 25°C
f = 1 MHz
VR - Reverse Voltage - V
100 m
10 m
1 m
100
µ
10
µ
1
µ
100 n
10 n



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com