Electronic Components Datasheet Search
  English  ▼

X  

NNCD6.8PL Datasheet(PDF) 1 Page - NEC

Part # NNCD6.8PL
Description  5-PIN SUPER SMALL MINI MOLD FLAT LEAD TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE QUAD TYPE: COMMON ANODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NNCD6.8PL Datasheet(HTML) 1 Page - NEC

  NNCD6.8PL Datasheet HTML 1Page - NEC NNCD6.8PL Datasheet HTML 2Page - NEC NNCD6.8PL Datasheet HTML 3Page - NEC NNCD6.8PL Datasheet HTML 4Page - NEC NNCD6.8PL Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
5-PIN SUPER SMALL MINI MOLD (FLAT LEAD TYPE)
ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE
(QUAD TYPE: COMMON ANODE)
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
NNCD6.8PL
DATA SHEET
Document No. D15989EJ1V0DS00 (1st edition)
Date Published February 2003 NS CP(K)
Printed in Japan
ESD NOISE CLIPPING DIODE
2003
DESCRIPTION
The NNCD6.8PL is a low capacitance type diode developed for ESD
(Electrostatic Discharge) absorption. Based on the IEC61000-4-2 test
on
electromagnetic
interference
(EMI),
the
diode
assures
an
endurance of no less than 30 kV, thus making itself most suitable for
external interface circuit protection.
With four elements mounted in the 5-pin super mini mold (Flat lead
type) package, the product can cope with more high density
assembling.
FEATURES
• Based on the electrostatic discharge immunity test (IEC61000-4-2),
the product assures the minimum endurance of 30 kV.
• With four elements in the super mini mold package, the product can
achieve high density and automatic packaging.
APPLICATIONS
• External interface circuit ESD absorption
• Circuit for surge absorber
MAXIMUM RATINGS (TA = 25°C)
ITEM
SYMBOL
RATING
UNIT
REMARK
Power Dissipation
P
200
mW
Total
Surge Reverse Power
PRSM
85 (t = 10
µs, 1 pulse)
W
Junction Temperature
Tj
150
oC
Storage Temperature
Tstg
−55 to +150
oC
PACKAGE DRAWING (Unit: mm)
1.2
±0.1
1.6
±0.1
1
2
3
5
4
ELECTRODE CONNECTION
54
13
2
1. K1:
2. A :
3. K2:
4. K3:
5. K4:
Cathode 1
Anode (common)
Cathode 2
Cathode 3
Cathode 4


Similar Part No. - NNCD6.8PL

ManufacturerPart #DatasheetDescription
logo
NEC
NNCD6.8PG NEC-NNCD6.8PG Datasheet
36Kb / 6P
LOW CAPACITANCE TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE QUARTO TYPE: COMMON ANODE 5-PIN MINI MOLD
NNCD6.8PH NEC-NNCD6.8PH Datasheet
39Kb / 6P
LOW CAPACITANCE TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE QUARTO TYPE: COMMON ANODE 5-PIN SUPER SMALL MINI MOLD
More results

Similar Description - NNCD6.8PL

ManufacturerPart #DatasheetDescription
logo
NEC
NNCD12F NEC-NNCD12F Datasheet
40Kb / 8P
ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES DOUBLE TYPE, ANODE COMMON 3PIN MINI MOLD
NNCD6.8RH NEC-NNCD6.8RH Datasheet
48Kb / 6P
LOW CAPACITANCE TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE (QUARTO TYPE: COMMON ANODE) 5-PIN SUPER SMALL MINI MOLD
NNCD6.8RL NEC-NNCD6.8RL Datasheet
37Kb / 5P
5-PIN SUPER SMALL MINI MOLD (FLAT LEAD TYPE) ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE (QUAD TYPE: COMMON ANODE)
NNCD68PG NEC-NNCD68PG Datasheet
36Kb / 6P
LOW CAPACITANCE TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE QUARTO TYPE: COMMON ANODE 5-PIN MINI MOLD
NNCD68PH NEC-NNCD68PH Datasheet
39Kb / 6P
LOW CAPACITANCE TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE QUARTO TYPE: COMMON ANODE 5-PIN SUPER SMALL MINI MOLD
NNCD68RG NEC-NNCD68RG Datasheet
46Kb / 6P
LOW CAPACITANCE TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE QUARTO TYPE: COMMON ANODE 5-PIN MINI MOLD
logo
Renesas Technology Corp
NNCD2.0DA RENESAS-NNCD2.0DA Datasheet
227Kb / 8P
ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE 2-PIN SUPER MINI MOLD
logo
NEC
NNCD27G NEC-NNCD27G Datasheet
41Kb / 8P
ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES (QUARTO TYPE : COMMON ANODE) 5 PIN MINI MOLD
NNCD56LG NEC-NNCD56LG Datasheet
49Kb / 8P
LOW CAPACITANCE TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES (QUARTO TYPE: COMMON ANODE) 5-PIN MINI MOLD
NNCD56LH NEC-NNCD56LH Datasheet
49Kb / 8P
LOW CAPACITANCE TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES (QUARTO TYPE: COMMON ANODE) 5-PIN SUPER SMALL MINI MOLD
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com