Electronic Components Datasheet Search
  English  ▼

X  

SSD1815B Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # SSD1815B
Description  LCD Segment / Common Driver with Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSD1815B Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SSD1815B Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD1815B Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1815B Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1815B Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1815B Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD1815B Datasheet HTML 11Page - List of Unclassifed Manufacturers SSD1815B Datasheet HTML 12Page - List of Unclassifed Manufacturers SSD1815B Datasheet HTML 13Page - List of Unclassifed Manufacturers SSD1815B Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
11
SOLOMON
SSD1815B
Rev1.6
07/2002
FUNCTIONAL BLOCK DESCRIPTIONS
Command Decoder and Command Interface
This module determines whether the input data is interpret-
ed as data or command. Data is directed to this module based
upon the input of the D/C pin.
If D/C pin is high, data is written to Graphic Display Data
RAM (GDDRAM). If it low, the input at D7-D0 is interpreted as a
Command and it will be decoded and be written to the corre-
sponding command register.
MPU Parallel 6800-series Interface
The parallel interface consists of 8 bi-directional data pins
(D7-D0), R/W(WR), D/C, E(RD), CS1 and CS2. R/W(WR) input
high indicates a read operation from the Graphic Display Data
RAM (GDDRAM) or the status register. R/W(WR) input Low in-
dicates a write operation to Display Data RAM or Internal Com-
mand Registers depending on the status of D/C input. The
E(RD) input serves as data latch signal (clock) when high provid-
ed that CS1 and CS2 are low and high respectively. Refer to Fig-
ure 11 on page 27 for Parallel Interface Timing Diagram of 6800-
series microprocessors.
In order to match the operating frequency of the GDDRAM
with that of the MCU, some pipeline processing is internally per-
formed which requires the insertion of a dummy read before the
first actual display data read. This is shown in Figure 3.
Figure 3 Display Data Read Back Procedure - Insertion of Dummy Read
R/ W(WR)
E(RD)
N
n
n+1
n+2
data bus
write column address
dummy read
data read1
data read 2
data read 3
MPU Parallel 8080-series interface
The parallel interface consists of 8 bi-directional data pins
(D7-D0), E(RD), R/W(WR), D/C, CS1 and CS2. E(RD) input
serves as data read latch signal (clock) when low provided that
CS1 and CS2 are low and high respectively. Whether it is display
data or status register read is controlled by D/C. R/W(WR) input
serves as data write latch signal(clock) when high provided that
CS1 and CS2 are low and high respectively. Whether it is display
data or command register write is controlled by D/C. Refer to
Figure 12 on page 28 for Parallel Interface Timing Diagram of
8080-series microprocessor.
Similar to 6800-series interface, a dummy read is also re-
quired before the first actual display data read.
MPU Serial interface
The serial interface consists of serial clock SCK (D6), serial
data SDA (D7), D/C, CS1 and CS2. SDA is shifted into a 8-bit
shift register on every rising edge of SCK in the order of D7,D6,...
D0. D/C is sampled on every eighth clock to determine whether
the data byte in the shift register is written to the Display Data
RAM or command register at the same clock. Refer to Figure 13
on Page28 for Serial Interface Timing Diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com