Electronic Components Datasheet Search
  English  ▼

X  

SSD1815B Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SSD1815B
Description  LCD Segment / Common Driver with Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSD1815B Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SSD1815B Datasheet HTML 3Page - List of Unclassifed Manufacturers SSD1815B Datasheet HTML 4Page - List of Unclassifed Manufacturers SSD1815B Datasheet HTML 5Page - List of Unclassifed Manufacturers SSD1815B Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD1815B Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1815B Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1815B Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1815B Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD1815B Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
8
SOLOMON
SSD1815B
Rev 1.6
07/2002
PIN DESCRIPTIONS
MSTAT
This pin is the static indicator driving output. It is only active
in master operation. The frame signal output pin, M, should be
used as the back plane signal for the static indicator.
The duration of overlapping could be programmable. See
Extended Command Table for details.
This pin becomes high impedance if the chip is operating in
slave mode.
M
This pin is the frame signal input/output. In master mode,
the pin supplies frame signal to slave devices while in slave
mode, the pin receives frame signal from the master device.
CL
This pin is the display clock input/output. In master mode
with internal oscillator enabled (CLS pin pulled high), this pin
supplies display clock signal to slave devices.
In slave mode or when internal oscillator is disabled, the pin
receives display clock signal from the master device or external
clock source.
DOF
This pin is display blanking control between master and
slave devices. In master mode, this pin supplies on/off signal to
slave devices. In slave mode, this pin receives on/off signal from
the master device.
CS1, CS2
These pins are the chip select inputs. The chip is enabled
for MCU communication only when both CS1 is pulled low and
CS2 is pulled high.
RES
This pin is reset signal input. Initialization of the chip is start-
ed once this pin is pulled low. Minimum pulse width for complet-
ing the reset procedure is 5us.
D/C
This pin is Data/Command control pin. When the pin is
pulled high, the data at D7-D0 is treated as display data. When
the pin is pulled low, the data at D7-D0 will be transferred to the
command register. Details relationship with other MCU interface
signals, please refer to the Timing Characteristics Diagrams.
R/W(WR)
This pin is MCU interface input. When interfacing to an
6800-series microprocessor, this pin will be used as Read/Write
(R/W) selection input. Read mode will be carried out when this
pin is pulled high and write mode when low.
When interfacing to an 8080-microprocessor, this pin will be
the Write (WR) input. Data write operation is initiated when this
pin is pulled low when the chip is selected.
E(RD)
This pin is MCU interface input. When interfacing to an
6800-series microprocessor, this pin will be used as the Enable
(E) signal. Read/write operation is initiated when this pin is
pulled high when the chip is selected.
When connecting to an 8080-microprocessor, this pin re-
ceives the Read (RD) signal. Data read operation is initiated
when this pin is pulled low when the chip is selected.
D7-D0
These pins are the 8-bit bi-directional data bus to be con-
nected to the MCU in parallel interface mode. D7 is the MSB
while D0 is the LSB.
When serial mode is selected, D7 is the serial data input
(SDA) and D6 is the serial clock input (SCK).
VDD
Chip’s Power Supply pin. This is also the reference for the
DC-DC Converter output and LCD driving voltages.
VSS
Ground. A reference for the logic pins.
VSS1
Input for internal DC-DC converter. The voltage of generat-
ed, VEE, equals to the multiple factor times the potential different
between this pin, VSS1, and VDD. The multiple factor, 2X, 3X or
4X, is selected by different connections of the external capaci-
tors. All voltage levels are referenced to VDD .
Note: the potential at this input pin must lower than or equal
to VSS.
V
EE
This is the most negative voltage supply pin of the chip. It
can be supplied externally or generated by the internal DC-DC
converter, by turning on the internal voltage booster option in
the Set Power Control Register command.
When using internal DC-DC converter as generator, voltage
at this pin is for internal reference only. It CANNOT be used for
driving external circuitries.
C3N, C1P, C1N, C2N and C2P
When internal DC-DC voltage converter is used, external
capacitor(s) is/are connected between these pins. Different con-
nection will result in different DC-DC converter multiple factor,
2X, 3X or 4X. Detail connections please refer to voltage convert-
er section in the functional block description.
VFS
This is an input pin to provide an external voltage reference
for the internal voltage regulator. The function of this pin is only
enabled for the External Input chip models which are required
special ordering. For normal chip model, please leave this pin
NC (No connection).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com