Electronic Components Datasheet Search
  English  ▼

X  

MSM6544 Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM6544
Description  42-DOT LCD DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6544 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM6544 Datasheet HTML 2Page - OKI electronic componets MSM6544 Datasheet HTML 3Page - OKI electronic componets MSM6544 Datasheet HTML 4Page - OKI electronic componets MSM6544 Datasheet HTML 5Page - OKI electronic componets MSM6544 Datasheet HTML 6Page - OKI electronic componets MSM6544 Datasheet HTML 7Page - OKI electronic componets MSM6544 Datasheet HTML 8Page - OKI electronic componets MSM6544 Datasheet HTML 9Page - OKI electronic componets MSM6544 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MSM6544
¡ Semiconductor
6/12
Switching Characteristics
VH
tfH
tfL
tD-f
tf-D
t L
tf-L
DATA-IN
CLOCK
LOAD
VH
VL
VH
VL
VL
VL
VH
VH
VH
VL
(VH = 0.8 VDD, VL = 0.2 VDD)
Parameter
Symbol
Condition
Corresponding
Pin
Min.
Clock Pulse Frequency
(VDD = 3.0 to 6.0V, Ta = –40 to +85°C)
Max.
Unit
ff
4
MHz
Clock Pulse "H" Time
tfH
100
ns
Clock Pulse "L" Time
tfL
100
ns
Data Setup Time
tD-f
80
ns
Data Hold Time
tf-D
40
ns
Load Pulse "H" Time
tL
100
ns
Clock-Load Timing
tf-L
100
ns
OSC-IN Input Frequency
fOSC
20
kHz
CLOCK
DATA
CLOCK
LOAD
LOAD
OSC-IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com