Electronic Components Datasheet Search
  English  ▼

X  

MSM6544 Datasheet(PDF) 11 Page - OKI electronic componets

Part # MSM6544
Description  42-DOT LCD DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6544 Datasheet(HTML) 11 Page - OKI electronic componets

Back Button MSM6544 Datasheet HTML 4Page - OKI electronic componets MSM6544 Datasheet HTML 5Page - OKI electronic componets MSM6544 Datasheet HTML 6Page - OKI electronic componets MSM6544 Datasheet HTML 7Page - OKI electronic componets MSM6544 Datasheet HTML 8Page - OKI electronic componets MSM6544 Datasheet HTML 9Page - OKI electronic componets MSM6544 Datasheet HTML 10Page - OKI electronic componets MSM6544 Datasheet HTML 11Page - OKI electronic componets MSM6544 Datasheet HTML 12Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MSM6544
¡ Semiconductor
11/12
010
15
22
33
47
68
kW
R0
fCOM vs. R0 Characteristics
fCOM
120
80
20
10
Hz
320
240
160
60
40
30
15
C0 = 0.001mF
C0 = 0.0022mF
C0 = 0.0047mF
C0 = 0.01mF
C0 = 0.022mF
C0 = 0.047mF
Requirements
• At room temperature
• VDD = 5.0 kW
• R1 = 3R0
.
.
01
2
3
4
5
6
7
V
VDD
fCOM vs. VDD Characteristics
fCOM
60
55
50
45
Hz
COM-A
COM-B
1/fCOM
Requirements
• At room temperature
• R0 = 47 kW
• C0 = 0.0047 mF
• R1 = 150 kW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com