Electronic Components Datasheet Search
  English  ▼

X  

1636062 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1636062
Description  Housing - HC-D 25-TFL-72/O1STM20S
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1636062 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1636062 Datasheet HTML 1Page - PHOENIX CONTACT 1636062 Datasheet HTML 2Page - PHOENIX CONTACT 1636062 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/1636062
12/9/13   Page 1 / 3
Housing - HC-D 25-TFL-72/O1STM20S - 1636062
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
HEAVYCON sleeve housing D25, for single locking latch, height 72 mm, without support 1x M20, lateral
conductor exit
Key commercial data
Packing unit
1 PCE
Weight per Piece (excluding packing)
204.0 GRM
Custom tariff number
85369010
Country of origin
Germany
Technical data
Dimensions
Height
72 mm
Width
36 mm
Length
79.5 mm
Ambient conditions
Degree of protection of housing (IP)
IP65
Ambient temperature (operation)
-40 °C ... 125 °C
General
Note
For contact inserts HC-D25, A16
Design
D25
Housing type
Sleeve housings
Locking type
for single locking latch
No. of cable exits
1
Cable exit
Lateral
Screw connection
None
Type of the screw connection
1x M20


Similar Part No. - 1636062

ManufacturerPart #DatasheetDescription
logo
Lumberg
163606 LUMBERG-163606 Datasheet
593Kb / 3P
Power supply connectors
logo
Weidmuller
1636060000 WEIDMULLER-1636060000 Datasheet
92Kb / 5P
BLZ 5.00/2/90 SN OR
1636060000 WEIDMULLER-1636060000 Datasheet
92Kb / 5P
BLZ 5.00/2/90 SN SW
1636060000 WEIDMULLER-1636060000 Datasheet
92Kb / 5P
BLZ 5.00/4/90 SN SW
1636060000 WEIDMULLER-1636060000 Datasheet
92Kb / 5P
BLZ 5.00/6/90 SN OR
More results

Similar Description - 1636062

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1604904 PHOENIX-1604904 Datasheet
51Kb / 3P
Housing - HC-D 25-TFL-72/O1M25G
1636046 PHOENIX-1636046 Datasheet
57Kb / 3P
Housing - HC-D 15-TFL-66/O1STM20S
1636075 PHOENIX-1636075 Datasheet
55Kb / 3P
Housing - HC-D 25-TFL-72/O1STM20G
1644928 PHOENIX-1644928 Datasheet
58Kb / 4P
Housing - HC-B 6-TFL-72/O1STM20S
1645189 PHOENIX-1645189 Datasheet
84Kb / 3P
HC-D 25-TFL-72/O1STM25G
1672848 PHOENIX-1672848 Datasheet
56Kb / 3P
Housing - HC-D 25-TFL-72/O1PG16G
1672851 PHOENIX-1672851 Datasheet
58Kb / 3P
Housing - HC-D 25-TFL-72/O1PG16S
1672864 PHOENIX-1672864 Datasheet
58Kb / 3P
Housing - HC-D 25-TFL-72/O1PG21S
1672880 PHOENIX-1672880 Datasheet
58Kb / 3P
Housing - HC-D 25-TFL-72/O1PG21G
1645273 PHOENIX-1645273 Datasheet
233Kb / 5P
Housing - HC-D 25-TFL-72/O1STM25S
02/04/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com