Electronic Components Datasheet Search
  English  ▼

X  

1636062 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1636062
Description  Housing - HC-D 25-TFL-72/O1STM20S
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1636062 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1636062 Datasheet HTML 1Page - PHOENIX CONTACT 1636062 Datasheet HTML 2Page - PHOENIX CONTACT 1636062 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
https://www.phoenixcontact.com/us/products/1636062
12/9/13   Page 2 / 3
Housing - HC-D 25-TFL-72/O1STM20S - 1636062
Technical data
General
Housing material
Aluminum die-cast
Housing surface material
Powder-coated, gray
Seal material
NBR
Classifications
eCl@ss
eCl@ss 4.0
27140816
eCl@ss 4.1
27140816
eCl@ss 5.0
27143424
eCl@ss 5.1
27143424
eCl@ss 6.0
27143424
eCl@ss 7.0
27440209
eCl@ss 8.0
27440209
ETIM
ETIM 3.0
EC000437
ETIM 4.0
EC000437
ETIM 5.0
EC000437
UNSPSC
UNSPSC 6.01
31261502
UNSPSC 7.0901
31261502
UNSPSC 11
31261502
UNSPSC 12.01
31261502
UNSPSC 13.2
31261502
Accessories
Accessories
Full screw connection
Cable gland - HC-K-KV-M20(8-13) - 1690626
Plastic screw connection up to 5 bar, thread length: 8 mm, cable diameter: 8 - 13 mm, WAF 24, screw connection: M20
 
 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com