Electronic Components Datasheet Search
  English  ▼

X  

K3113 Datasheet(PDF) 3 Page - NEC

Part # K3113
Description  SWITCHING N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

K3113 Datasheet(HTML) 3 Page - NEC

  K3113 Datasheet HTML 1Page - NEC K3113 Datasheet HTML 2Page - NEC K3113 Datasheet HTML 3Page - NEC K3113 Datasheet HTML 4Page - NEC K3113 Datasheet HTML 5Page - NEC K3113 Datasheet HTML 6Page - NEC K3113 Datasheet HTML 7Page - NEC K3113 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet D13336EJ3V0DS
3
2SK3113
TYPICAL CHARACTERISTICS (TA = 25°C)
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
Tch - Channel Temperature - ˚C
040
20
60
100
140
80
120
160
100
80
60
40
20
0
TC - Case Temperature - ˚C
0
0
80
20
40
60
100
140
120
160
40
30
20
10
TOTAL POWER DISSIPATION vs.
CASE TEMPERATURE
Mounted on glass epoxy board
of 40 mm x 40 mm x 1.6 mm
5
15
25
35
FORWARD BIAS SAFE OPERATING AREA
10
100
1000
1
VDS - Drain to Source Voltage - V
100
10
1
0.1
Po
wer
Dissipation
Limited
100
µs
10
ms
1
ms
100
ms
PW
=
10
µs
ID(pulse)
ID(DC)
DC
TC = 25˚C, Single pulse
Mounted on glass epoxy board
of 40 mm x 40 mm x 1.6 mm
R
DS(on)
Limited
(at
V
GS
=
20
V)
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
PW - Pulse Width - s
100 m
1
10
100
1000
10 m
1 m
100
µ
10
µ
100
10
1
0.1
0.01
Rth(ch-A) = 125˚C/W
Rth(ch-C) = 6.25˚C/W
Single pulse
Mounted on glass epoxy board
of 40 mm x 40 mm x 1.6 mm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com