Electronic Components Datasheet Search
  English  ▼

X  

K3113 Datasheet(PDF) 5 Page - NEC

Part # K3113
Description  SWITCHING N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

K3113 Datasheet(HTML) 5 Page - NEC

  K3113 Datasheet HTML 1Page - NEC K3113 Datasheet HTML 2Page - NEC K3113 Datasheet HTML 3Page - NEC K3113 Datasheet HTML 4Page - NEC K3113 Datasheet HTML 5Page - NEC K3113 Datasheet HTML 6Page - NEC K3113 Datasheet HTML 7Page - NEC K3113 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Data Sheet D13336EJ3V0DS
5
2SK3113
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
50
150
2
0
0
100
−50
Tch - Channel Temperature - ˚C
3
1
VGS = 10 V
4
1 A
6
7
5
8
9
ID = 2 A
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
VF(S-D) - Source to Drain Voltage - V
1.5
1.0
0.5
0
100
10
1.0
0.1
Pulsed
0 V
VGS = 10 V
100
10
1
0.1
10000
1000
100
10
1
CAPACITANCE vs. DRAIN TO
SOURCE VOLTAGE
Ciss
Coss
Crss
VGS = 0 V
f = 1 MHz
VDS - Drain to Source Voltage - V
SWITCHING CHARACTERISTICS
0.1
1
10
ID - Drain Current - A
100
10
1
0.1
VDD = 150 V
VGS = 10 V
RG = 10
Ω
td(off)
td(on)
tf
tr
REVERSE RECOVERY TIME vs.
DRAIN CURRENT
1.0
10
100
0.1
ID - Drain Current - A
10000
1000
100
10
di/dt = 50 A/
µs
VGS = 0 V
QG - Gate Charge - nC
0
0
8
412
16
600
400
200
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
16
14
12
10
8
6
4
2
0
VDS
ID = 2.0 A
VGS
800
VDD = 450 V
300 V
150 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com