Electronic Components Datasheet Search
  English  ▼

X  

TMUX1111 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1111
Description  5-V, low-leakage-current, 1:1 (SPST), 4-channel precision switches
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX1111 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMUX1111 Datasheet HTML 12Page - Texas Instruments TMUX1111 Datasheet HTML 13Page - Texas Instruments TMUX1111 Datasheet HTML 14Page - Texas Instruments TMUX1111 Datasheet HTML 15Page - Texas Instruments TMUX1111 Datasheet HTML 16Page - Texas Instruments TMUX1111 Datasheet HTML 17Page - Texas Instruments TMUX1111 Datasheet HTML 18Page - Texas Instruments TMUX1111 Datasheet HTML 19Page - Texas Instruments TMUX1111 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
OUT
S
V
Channel-to-Channel Crosstalk
20 Log
V
§
·
˜
¨
¸
©
¹
NETWORK
ANALYZER
VDD
0.1µF
VDD
GND
S1
VSIG = 200 mVpp
VBIAS = VDD / 2
50
Ÿ
VOUT
RL
D1
50
Ÿ
S2
50
Ÿ
RL
D2
VS
SX / DX
50
Ÿ
RL
50
Ÿ
RL
OUT
S
V
Off Isolation
20 Log
V
§
·
˜
¨
¸
©
¹
GND
NETWORK
ANALYZER
VOUT
S
D
50
Ÿ
VSIG
RL
50
Ÿ
SX/DX
RL
50
Ÿ
VS
VDD
0.1µF
16
TMUX1111, TMUX1112, TMUX1113
SCDS408 – FEBRUARY 2019
www.ti.com
Product Folder Links: TMUX1111
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.7 Off isolation
Off isolation is defined as the ratio of the signal at the drain pin (Dx) of the device when a signal is applied to the
source pin (Sx) of an off-channel. The characteristic impedance, Z0, for the measurement is 50 Ω. Figure 7
shows the setup used to measure off isolation. Use off isolation equation to compute off isolation.
Figure 7. Off isolation measurement setup
(1)
8.8 Channel-to-Channel Crosstalk
Crosstalk is defined as the ratio of the signal at the drain pin (Dx) of a different channel, when a signal is applied
at the source pin (Sx) of an on-channel. The characteristic impedance, Z0, for the measurement is 50 Ω. Figure 8
shows the setup used to measure, and the equation used to compute crosstalk.
Figure 8. Channel-to-Channel Crosstalk Measurement Setup
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com