Electronic Components Datasheet Search
  English  ▼

X  

TMUX1111 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1111
Description  5-V, low-leakage-current, 1:1 (SPST), 4-channel precision switches
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX1111 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMUX1111 Datasheet HTML 17Page - Texas Instruments TMUX1111 Datasheet HTML 18Page - Texas Instruments TMUX1111 Datasheet HTML 19Page - Texas Instruments TMUX1111 Datasheet HTML 20Page - Texas Instruments TMUX1111 Datasheet HTML 21Page - Texas Instruments TMUX1111 Datasheet HTML 22Page - Texas Instruments TMUX1111 Datasheet HTML 23Page - Texas Instruments TMUX1111 Datasheet HTML 24Page - Texas Instruments TMUX1111 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
21
TMUX1111, TMUX1112, TMUX1113
www.ti.com
SCDS408 – FEBRUARY 2019
Product Folder Links: TMUX1111
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
10.3 Design Requirements
For this design example, use the parameters listed in Table 4.
Table 4. Design parameters
PARAMETERS
VALUES
Supply (VDD)
3.3 V
Input / Output signal range
0 µA to 10 µA
Control logic thresholds
1.8 V compatible
10.4 Detailed Design Procedure
The TMUX111x devices can be operated without any external components except for the supply decoupling
capacitors. All inputs signals passing through the switch must fall within the recommend operating conditions of
the TMUX111x including signal range and continuous current. For this design example, with a supply of 3.3 V,
the signals can range from 0 V to 3.3 V when the device is powered. The max continuous current can be 30 mA.
Photodiodes commonly have a current output that ranges from a few hundred picoamps to tens of microamps
based on the amount of light being absorbed. The TMUX111x have a typical On-leakage current of less than 10
pA which would lead to an accuracy well within 1% of a full scale 10 µA signal. The low ON and OFF
capacitance of the TMUX111x improves system stability by minimizing the total capacitance on the output of the
amplifier. Lower capacitance leads to less overshoot and ringing in the system which can cause the amplifier
circuit to go unstable if the phase margin is not at least 45°. Refer to Improve Stability Issues with Low CON
Multiplexers for more information on calculating the phase margin vs. percent overshoot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com