Electronic Components Datasheet Search
  English  ▼

X  

1645121 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1645121
Description  HC-B 24-TFQ-76/O1STM32S
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1645121 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1645121 Datasheet HTML 1Page - PHOENIX CONTACT 1645121 Datasheet HTML 2Page - PHOENIX CONTACT 1645121 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 3
http://www.phoenixcontact.de
Jan 26, 2011
Extract from the online
catalog
 
HC-B 24-TFQ-76/O1STM32S
Order No.: 1645121
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1645121
 
 
HEAVYCON B24 sleeve housing, for double locking latch, height: 76
mm, with 1 x M32 thread, lateral cable outlet
 
Commercial data
GTIN (EAN)
4
017918
913038
sales group
D002
Pack
10 pcs.
Customs tariff
85389099
Catalog page information
Page 498 (PC-2009)
Product notes
WEEE/RoHS-compliant since:
03/01/2006
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General data
Note
For contact inserts HC-B24, BB46, D64, DD108, M
Design
B24
Height
76 mm
Width
43 mm
Length
120 mm


Similar Part No. - 1645121

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
1645121 TURCK-1645121 Datasheet
419Kb / 3P
Inductive Sensor
11/07/2023
More results

Similar Description - 1645121

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1771765 PHOENIX-1771765 Datasheet
90Kb / 3P
HC-B 24-TFQ-76/M1PG21S
1771794 PHOENIX-1771794 Datasheet
97Kb / 3P
HC-B 24-TFQ-76/M1PG29G
1604854 PHOENIX-1604854 Datasheet
99Kb / 3P
HC-B 24-TFQ-76/O1M32S
1642593 PHOENIX-1642593 Datasheet
106Kb / 3P
HC-B 16-TFQ-76/O1STM32S-EMV
1642810 PHOENIX-1642810 Datasheet
106Kb / 3P
HC-B 24-TFQ-76/O1STM32S-EMV
1644708 PHOENIX-1644708 Datasheet
85Kb / 3P
HC-B 24-TFQ-76/O1STM40G
1645118 PHOENIX-1645118 Datasheet
85Kb / 3P
HC-B 24-TFQ-76/O1STM32G
1645341 PHOENIX-1645341 Datasheet
93Kb / 3P
HC-B 16-TFQ-76/O1STM32S
1645370 PHOENIX-1645370 Datasheet
81Kb / 3P
HC-B 24-TFL-76/O1STM32S
1645448 PHOENIX-1645448 Datasheet
85Kb / 3P
HC-B 24-TFQ-76/O2STM40G
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com