Electronic Components Datasheet Search
  English  ▼

X  

1645121 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1645121
Description  HC-B 24-TFQ-76/O1STM32S
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1645121 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1645121 Datasheet HTML 1Page - PHOENIX CONTACT 1645121 Datasheet HTML 2Page - PHOENIX CONTACT 1645121 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HC-B 24-TFQ-76/O1STM32S Order No.: 1645121
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1645121
PHOENIX CONTACT Deutschland GmbH
Page 2 / 3
http://www.phoenixcontact.de
Jan 26, 2011
Housing type
Sleeve housings
Locking type
For double locking latch
Cable exit
Lateral
Type of the screw connection
1x M32
Degree of protection
IP65
Ambient temperature (operation)
-40 °C ... 125 °C
Housing material
Aluminum, die-cast
Housing surface material
Powder-coated, gray
Diagrams/Drawings
Dimensioned drawing



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com