Electronic Components Datasheet Search
  English  ▼

X  

K3639 Datasheet(PDF) 5 Page - NEC

Part # K3639
Description  SWITCHING N-CHANNEL POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

K3639 Datasheet(HTML) 5 Page - NEC

  K3639 Datasheet HTML 1Page - NEC K3639 Datasheet HTML 2Page - NEC K3639 Datasheet HTML 3Page - NEC K3639 Datasheet HTML 4Page - NEC K3639 Datasheet HTML 5Page - NEC K3639 Datasheet HTML 6Page - NEC K3639 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Data Sheet D15967EJ3V0DS
5
2SK3639
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE
0
2.5
5
7.5
10
12.5
- 50 - 25
0
25
50
75
100 125 150
ID = 32 A
Pulsed
10 V
VGS = 4.5 V
Tch - Channel Temperature - °C
10
100
1000
10000
0.01
0.1
1
10
100
V GS = 0 V
f = 1 M H z
C iss
C oss
C rss
VDS - Drain to Source Voltage - V
SWITCHING CHARACTERISTICS
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
1
10
100
1000
0.1
1
10
100
tr
td(off)
td(on)
tf
VDD = 10 V
VGS = 10 V
R G = 10
Ω
ID - Drain Current - A
0
4
8
12
16
20
0
1020
3040
50
0
2
4
6
8
10
VDS
VDD = 16 V
10 V
ID = 64 A
VGS
QG - Gate Charge - nC
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
REVERSE RECOVERY TIME vs.
DIODE FORWARD CURRENT
0.01
0.1
1
10
100
1000
0
0.5
1
1.5
VGS = 10 V
0 V
Pulsed
VF(S-D) - Source to Drain Voltage - V
1
10
100
1000
0.1
1
10
100
di/dt = 100 A/
µs
VGS = 0 V
IF - Diode Forward Current - A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com