Electronic Components Datasheet Search
  English  ▼

X  

K3639 Datasheet(PDF) 1 Page - NEC

Part # K3639
Description  SWITCHING N-CHANNEL POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

K3639 Datasheet(HTML) 1 Page - NEC

  K3639 Datasheet HTML 1Page - NEC K3639 Datasheet HTML 2Page - NEC K3639 Datasheet HTML 3Page - NEC K3639 Datasheet HTML 4Page - NEC K3639 Datasheet HTML 5Page - NEC K3639 Datasheet HTML 6Page - NEC K3639 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
MOS FIELD EFFECT TRANSISTOR
2SK3639
SWITCHING
N-CHANNEL POWER MOS FET
DATA SHEET
Document No. D15967EJ3V0DS00 (3rd edition)
Date Published January 2005 NS CP(K)
Printed in Japan
2002
The mark
shows major revised points.
DESCRIPTION
The 2SK3639 is N-channel MOS FET device that
features a low on-state resistance and excellent switching
characteristics, and designed for low voltage high current
applications such as DC/DC converter with synchronous
rectifier.
FEATURES
• Low on-state resistance
RDS(on)1 = 5.5 m
Ω MAX. (VGS = 10 V, ID = 32 A)
RDS(on)2 = 8.5 m
Ω MAX. (VGS = 4.5 V, ID = 32 A)
• Low Ciss: Ciss = 2400 pF TYP.
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Drain to Source Voltage (VGS = 0 V)
VDSS
20
V
Gate to Source Voltage (VDS = 0 V)
VGSS
±20
V
Drain Current (DC) (TC = 25°C)
ID(DC)
±64
A
Drain Current (pulse)
Note
ID(pulse)
±256
A
Total Power Dissipation (TC = 25°C)
PT1
40
W
Total Power Dissipation
PT2
1.0
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
−55 to +150
°C
Note PW
≤ 10
µs, Duty Cycle ≤ 1%
ORDERING INFORMATION
PART NUMBER
PACKAGE
2SK3639-ZK
TO-252 (MP-3ZK)
(TO-252)


Similar Part No. - K3639

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
K3630 KODENSHI-K3630 Datasheet
151Kb / 3P
Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
K3631 KODENSHI-K3631 Datasheet
151Kb / 3P
Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
logo
NEC
K3638 NEC-K3638 Datasheet
149Kb / 7P
SWITCHING N-CHANNEL POWER MOSFET
More results

Similar Description - K3639

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3113 NEC-2SK3113 Datasheet
145Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
2SK3322 NEC-2SK3322 Datasheet
91Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
2SK3402 NEC-2SK3402 Datasheet
132Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
2SK3455 NEC-2SK3455 Datasheet
64Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
2SK3456 NEC-2SK3456 Datasheet
70Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
2SK3457 NEC-2SK3457 Datasheet
77Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
2SK3458 NEC-2SK3458 Datasheet
82Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
2SK3483 NEC-2SK3483 Datasheet
164Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
2SK3572 NEC-2SK3572 Datasheet
79Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
2SK3714 NEC-2SK3714 Datasheet
84Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com