Electronic Components Datasheet Search
  English  ▼

X  

MSM6599B Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM6599B
Description  80-DOT SEGMENT DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6599B Datasheet(HTML) 5 Page - OKI electronic componets

  MSM6599B Datasheet HTML 1Page - OKI electronic componets MSM6599B Datasheet HTML 2Page - OKI electronic componets MSM6599B Datasheet HTML 3Page - OKI electronic componets MSM6599B Datasheet HTML 4Page - OKI electronic componets MSM6599B Datasheet HTML 5Page - OKI electronic componets MSM6599B Datasheet HTML 6Page - OKI electronic componets MSM6599B Datasheet HTML 7Page - OKI electronic componets MSM6599B Datasheet HTML 8Page - OKI electronic componets MSM6599B Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MSM6599B
¡ Semiconductor
5/11
ELECTRICAL CHARACTERISTICS
DC Characteristics
*1 Applicable to LOAD, CP, D0 to D3, EI, DF, DISPOFF, SHL.
*2 Applicable to EO.
*3 VN = V1 to VEE V4 = 14/16 (VDD–VEE), V3 = 2/16 (VDD–VEE), VDD = V1.
*4 Applicable to O1 to O80.
*5 Display Data 1010
fDF = 45 Hz, current from VDD to VSS when the display data is not
being processed.
*6 Display Data 1010
fDF = 45 Hz, current (VDD side current) from VDD to VSS and VEE, and
current (VEE side current) from VDD to VEE when the display data is
being processed.
VEE
VDD
*7 Display Data 1010
fDF = 45 Hz, fLOAD = 20 kHz, current on V1, V3 and V4.
Parameter
"H" Input Voltage
"L" Input Voltage
"H" Input Current
"L" Input Current
"H" Output Voltage
"L" Output Voltage
ON Resistance
Input Capacitance
Standby Current
Symbol
VIH
VIL
IIH
IIL
VOH
VOL
RON
IDDSBY
CI
(VDD = 5V ±10%, Ta = –20 to +75°C)
Condition
—
—
VI = VDD, VDD = 5.5V
VI = 0V, VDD = 5.5V
IO = –0.2mA, VDD = 4.5V
IO = 0.2mA, VDD = 4.5V
VDD–VEE = 25V,
| VN – VO | = 0.25V VDD = 4.5V
fCP = 6.0 MHz, VDD = 5.5V
VDD–VEE = 25V, No load
ƒ = 1 MHz
Min.
0.7VDD
VSS
—
—
VDD–0.4
—
—
—
—
Typ.
—
—
—
—
—
—
1.5
—
5
Max.
VDD
0.3VDD
1
–1
—
0.4
3.0
300
—
Unit
V
V
mA
mA
V
V
kW
mA
pF
Supply Current (1)
IDD1
fCP = 6.0 MHz, VDD = 5.5V
VDD–VEE = 25V, No load
——
mA
Supply Current (2)
IV
fCP = 6.0 MHz, VDD = 5.5V
VDD–VEE = 25V, No load
—
—
100
mA
1.5
1.0
*1
*1
*1
*1
*2
*2
*4
*3
*5
*6
*7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com