Electronic Components Datasheet Search
  English  ▼

X  

MSM6599B Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM6599B
Description  80-DOT SEGMENT DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6599B Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM6599B Datasheet HTML 2Page - OKI electronic componets MSM6599B Datasheet HTML 3Page - OKI electronic componets MSM6599B Datasheet HTML 4Page - OKI electronic componets MSM6599B Datasheet HTML 5Page - OKI electronic componets MSM6599B Datasheet HTML 6Page - OKI electronic componets MSM6599B Datasheet HTML 7Page - OKI electronic componets MSM6599B Datasheet HTML 8Page - OKI electronic componets MSM6599B Datasheet HTML 9Page - OKI electronic componets MSM6599B Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MSM6599B
¡ Semiconductor
6/11
Switching Characteristics
Note:
When display control by the DISPOFF pin is performed, the rise and fall time must be
≤ 1µs.
1
2
18
19
20
CP
LOAD
E0
EI
0.2VDD
tESU
0.2VDD
tPHL
0.2VDD
0.8VDD
0.2VDD
0.2VDD
0.8VDD
tW2
0.8VDD
tr
tf
tLSU
0.2VDD 0.2VDD
0.8VDD 0.8VDD
0.8VDD
0.8VDD
0.2VDD
0.2VDD
0.8VDD
0.8VDD
tDSU
tDHD
tf
tr
tW1
tW1
tW1
CP
LOAD
D0 - D3
tLC
tPLH
0.8VDD
0.8VDD
(VDD = 5V ±10%. Ta = –20 to +75°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Clock Frequency
ƒCP
DUTY = 50%
—
—
6.5
MHz
Clock Pulse Width
tW1
—
56——
ns
Load Pulse Width
tW2
—
70——
ns
Rise/Fall Time
tr, tf
—
——20
ns
Data Setup Time
tDSU
—
50——
ns
Data Hold Time
tDHD
—
50——
ns
Load Setup Time
tLSU
—
80——
ns
Load-to-Clock Time
tLC
—
80——
ns
Propagation Delay Time
tPLH, tPHL
CL=15pF
—
—
236
ns
EI Setup Time
tESU
—
50——
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com