Electronic Components Datasheet Search
  English  ▼

X  

FXGL2014 Datasheet(PDF) 7 Page - ON Semiconductor

Part # FXGL2014
Description  4-Channel LVTTL to GTL Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FXGL2014 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FXGL2014 Datasheet HTML 3Page - ON Semiconductor FXGL2014 Datasheet HTML 4Page - ON Semiconductor FXGL2014 Datasheet HTML 5Page - ON Semiconductor FXGL2014 Datasheet HTML 6Page - ON Semiconductor FXGL2014 Datasheet HTML 7Page - ON Semiconductor FXGL2014 Datasheet HTML 8Page - ON Semiconductor FXGL2014 Datasheet HTML 9Page - ON Semiconductor FXGL2014 Datasheet HTML 10Page - ON Semiconductor FXGL2014 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
www.onsemi.com
© 2016 Semiconductor Components Industries, LLC
FXGL2014
• Rev.
2
6
DC Electrical Characteristics
Specified at TA = –40°C to 85°C (unless otherwise noted).
Symbol
Parameter
Conditions
–40°C to 85°C
Unit
Min.
Typ. Max.
VOH
A Port
VCC = 3 to 3.6 V, IOH = –100 µA
VCC – 0.2
V
VCC = 3 V, IOH = –16 mA
2.0
VOL
A Port
VCC = 3 V, IOL = 8 mA
0.28
0.40
V
A Port
VCC = 3 V, IOL = 12 mA
0.42
0.60
A Port
VCC = 3 V, IOL = 16 mA
0.55
0.80
B Port
VCC = 3 V, IOL = 40 mA
0.23
0.40
II
A Port
VCC = 3.6 V, VI = VCC
±1
µA
VCC = 3.6 V, VI = 0 V
±1
VCC = 3.6 V, VI = 5.5 V
5
B Port
VCC = 3.6 V, VI = VTT or GND
±1
µA
Control Pin
VCC = 3.6 V, VI = VCC or 0 V
±1
µA
Ioff
OFF-State Output Current on A
Port
VCC = 0 V, VIO = 0 to 3.6 V
±10
µA
OFF-State Output Current on A
Port
VCC = 0 V, VIO = 3.6 to 5.5 V
±100
OFF-State Output Current on B
Port
VCC = 0 V, VIO = 0 to 3.6 V
±10
ICC
A Port
VCC = 3.6 V, VI = VCC or GND,
IO = 0
3
10
mA
B Port
VCC = 3.6 V, VI = VTT or GND,
IO = 0
3
10
mA
∆ICC
A Port or Control Input
VCC = 3.6 V, VI = VCC – 0.6 V
500
µA
VUVLO
(4)
Under-Voltage Lockout
Threshold
VCC = 0 to 3 V
1.5
V
CI
(4)
Input Capacitance of Control Pin
VCC = 3 to 3.6 V, VI = 3.0 V or 0 V
2.0
pF
CIO
(4)
A Port
VCC = 3 to 3.6 V, VO = 3.0 V or 0 V
4.0
pF
B Port
VCC = 3 to 3.6 V, VO = VTT or 0 V
5.46
Note:
4.
Guaranteed by characterization and / or design. Not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com