Electronic Components Datasheet Search
  English  ▼

X  

FXGL2014 Datasheet(PDF) 8 Page - ON Semiconductor

Part # FXGL2014
Description  4-Channel LVTTL to GTL Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FXGL2014 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button FXGL2014 Datasheet HTML 4Page - ON Semiconductor FXGL2014 Datasheet HTML 5Page - ON Semiconductor FXGL2014 Datasheet HTML 6Page - ON Semiconductor FXGL2014 Datasheet HTML 7Page - ON Semiconductor FXGL2014 Datasheet HTML 8Page - ON Semiconductor FXGL2014 Datasheet HTML 9Page - ON Semiconductor FXGL2014 Datasheet HTML 10Page - ON Semiconductor FXGL2014 Datasheet HTML 11Page - ON Semiconductor FXGL2014 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
www.onsemi.com
© 2016 Semiconductor Components Industries, LLC
FXGL2014
• Rev.
2
7
AC Electrical Characteristics
Over-operating range, TA = –40°C to 85°C, VCC = 3.0 to 3.6 V, GND = 0 V for GTL.
Symbol
Parameter
GTL−
GTL
GTL+
Unit
VCC = 3.3 V ± 0.3 V
VCC = 3.3 V
± 0.3 V
VCC = 3.3 V
± 0.3 V
VREF = 0.6 V
VREF = 0.8 V
VREF = 1 V
VTT = 0.9 V
VTT = 1.2 V
VTT = 1.5 V
Min. Typ.
Max.
Min. Typ.
Max.
Min. Typ. Max.
tPLH
Low to High
Propagation
Delay
(5)
An to Bn
2.8
5.0
2.8
5.0
2.8
5.0
ns
tPHL
High to Low
Propagation
Delay
(5)
3.3
7.0
3.4
7.0
3.4
7.0
tPLH
Low to High
Propagation
Delay
(5)
Bn to An
5.3
8.0
5.2
8.0
5.1
8.0
ns
tPHL
High to Low
Propagation
Delay
(5)
5.2
8.0
4.9
7.0
4.7
7.0
Note:
5.
Guaranteed by characterization and / or design. Not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com