Electronic Components Datasheet Search
  English  ▼

X  

MSM66201 Datasheet(PDF) 22 Page - OKI electronic componets

Part # MSM66201
Description  OLMS-66K Series 16-Bit Microcontroller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM66201 Datasheet(HTML) 22 Page - OKI electronic componets

Back Button MSM66201 Datasheet HTML 18Page - OKI electronic componets MSM66201 Datasheet HTML 19Page - OKI electronic componets MSM66201 Datasheet HTML 20Page - OKI electronic componets MSM66201 Datasheet HTML 21Page - OKI electronic componets MSM66201 Datasheet HTML 22Page - OKI electronic componets MSM66201 Datasheet HTML 23Page - OKI electronic componets MSM66201 Datasheet HTML 24Page - OKI electronic componets MSM66201 Datasheet HTML 25Page - OKI electronic componets MSM66201 Datasheet HTML 26Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
22/30
¡ Semiconductor
MSM66201/66P201/66207/66P207
• Serial port control
Master mode
Slave mode
Parameter
Symbol
Condition
Min.
Max.
Unit
Clock (OSC) Pulse Width
Serial Clock Pulse Width
Input Data Setup Time
Input Data Hold Time
tfW
tSCKW
tSTMXS
tSTMXH
tSRMXS
tSRMXH
—50
8tfW
8tfW+40
6tfW–20
2tfW+10
50
—
—
—
—
—
—
ns
—
CL=50pF
Output Data Setup Time
Output Data Hold Time
(VDD=5V±10%, Ta=–40 to +85°C)
Parameter
Symbol
Condition
Min.
Max.
Unit
Clock (OSC) Pulse Width
Serial Clock Pulse Width
Input Data Setup Time
Input Data Hold Time
tfW
tSCKW
tSTSXS
tSTSXH
tSRSXS
tSRSXH
—50
8tfW
6tfW+40
6tfW–20
100
100
—
—
—
—
—
—
ns
—
CL=50pF
Output Data Setup Time
Output Data Hold Time
(VDD=5V±10%, Ta=–40 to +85°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com