Electronic Components Datasheet Search
  English  ▼

X  

MSM66201 Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM66201
Description  OLMS-66K Series 16-Bit Microcontroller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM66201 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM66201 Datasheet HTML 3Page - OKI electronic componets MSM66201 Datasheet HTML 4Page - OKI electronic componets MSM66201 Datasheet HTML 5Page - OKI electronic componets MSM66201 Datasheet HTML 6Page - OKI electronic componets MSM66201 Datasheet HTML 7Page - OKI electronic componets MSM66201 Datasheet HTML 8Page - OKI electronic componets MSM66201 Datasheet HTML 9Page - OKI electronic componets MSM66201 Datasheet HTML 10Page - OKI electronic componets MSM66201 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
7/30
¡ Semiconductor
MSM66201/66P201/66207/66P207
PIN DESCRIPTION
Type
Description
Symbol
P0.0–P0.7/
AD0–AD7
P1.0–P1.7/
A8–A15
P2.0–P2.2
P2.5/HLDA
P2.6/TXC
AD: Outputs the lower 8 bits of program counter during external program memory fetch,
and receives the addressed instruction under the control of PSEN. This pin also
outputs the address and outputs or inputs data during an external data memory
access instruction, under the control of ALE, RD, and WR.
P1: 8-bit input-output port. Each bit can be assigned to input or output.
A: Outputs the upper 8 bits of program counter (PC8–15) during external program
memory fetch. This pin also outputs the upper 8 bits of address during external
data memory access instructions.
P2: 8-bit input-output port. Each bit can be assigned to input or output.
TXC: Transmitter clock input/output pin.
P3: 8-bit input-output port. Each bit can be assigned to input or output.
P2.4/HOLD
HOLD: Input pin to request the CPU to enter the hardware power-down state.
P3.0/TXD
P3.1/RXD
P0: 8-bit input-output port. Each bit can be assigned to input or output.
I/O
I/O
I/O
TXD: Transmitter data output pin.
I/O
HLDA: HOLD ACKNOWLEDGE: the HLDA signal appears in response to the HOLD
signal and indicates that the CPU has entered the power-down state.
P2.3/CLKOUT
CLKOUT: Output pin for supplying a clock to peripheral circuits.
P2.7/RXCRXC: Receiver clock input/output pin.
P3.2/INT0
RXD: Receiver data input pin.
P3.3/INT1
INT: Interrupt request input pin.
Falling edge trigger or level trigger is selectable.
P3.4/TM0IO
TM0IO-TM3IO: One of the following signals is output or input.
P3.5/TM1IO
P3.6/TM2IO
P3.7/TM3IO
• Clock at twice the frequency range of the 16-bit timer overflow
• Load trigger signal to the capture register input
• Setting value output
Whether the signal is input or output depends on the mode.
P4.0/TM0CK
P4: 8-bit input-output port. Each bit can be assigned to input or output.
P4.1/TM1CK
TM0CK, TM1CK: Clock input pins of timer 0, timer 1.
P4.2/PWM0
P4.3/PWM1
P4.4 – P4.7/
TRANS0 –
TRANS3
TRANS: Transition detector.
The input pins which sense the falling edge and set the flag.
PWM: 16-bit pulse-width modulator output pin.
I/O
P5.0 – P5.7/
AI0 –AI7
P5: 8-bit input port.
AI: Analog signal input pin for A/D converter.
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com