Electronic Components Datasheet Search
  English  ▼

X  

UPA1981 Datasheet(PDF) 2 Page - NEC

Part # UPA1981
Description  N-CHANNEL/P-CHANNEL MOS FET PAIR FOR LOAD SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA1981 Datasheet(HTML) 2 Page - NEC

  UPA1981 Datasheet HTML 1Page - NEC UPA1981 Datasheet HTML 2Page - NEC UPA1981 Datasheet HTML 3Page - NEC UPA1981 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Data Sheet G17263EJ1V0DS
2
µ PA1981
ELECTRICAL CHARACTERISTICS (TA = 25°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
OFF CHARACTERISTICS
Q2-S2 to D2 Leakage Current
IS2D2
VS2D2 = 8.0 V, VG1S1 = 0 V
1.0
µA
Q1-D1 to S1 Leakage Current
ID1S1
VD1S1 = 8.0 V, VG1S1 = 0 V
1.0
µA
ON CHARACTERISTICS
VS2D21
VS2S1 = 5.0 V, VG1S1 = 3.3 V, ID2 =
−2.8 A
0.15
0.2
V
Q2-S2 to D2 Voltage
Note
VS2D22
VS2S1 = 2.5 V, VG1S1 = 3.3 V, ID2 =
−1.9 A
0.15
0.2
V
Q2-Static On-Resistance
Note
RD2S2(on)1
VG2S2 =
−5.0 V, ID2 = −2.8A
52
70
m
Ω
RD2S2(on)2
VG2S2 =
−2.5 V, ID2 = −1.9 A
76
105
m
Ω
IS2D21
VS2D2 = 0.2 V, VS2S1 = 5.0 V, VG1S1 = 3.3 V
2.8
A
Q2-S2 to D2 Current
Note
IS2D22
VS2D2 = 0.2 V, VS2S1 = 2.5 V, VG1S1 = 3.3 V
1.9
A
Note Pulsed: PW
≤ 350
µs, Duty Cycle ≤ 2%
CIRCUIT1 EXAMPLE OF APPLICATION CIRCUIT
µPA1981
Q2
Q1
Co
R1
S1
Ci
G1
VON/OFF
S2
D2
LOAD
G2/D1
+Vin
GND
RECOMMENDATION OF CIRCUIT1
Co
≤ 1
µF for applications
R1 is required to turn Q2 off.
Select R1 in the range of 10 to 470 k
Ω.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com