Electronic Components Datasheet Search
  English  ▼

X  

UPA1981 Datasheet(PDF) 3 Page - NEC

Part # UPA1981
Description  N-CHANNEL/P-CHANNEL MOS FET PAIR FOR LOAD SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA1981 Datasheet(HTML) 3 Page - NEC

  UPA1981 Datasheet HTML 1Page - NEC UPA1981 Datasheet HTML 2Page - NEC UPA1981 Datasheet HTML 3Page - NEC UPA1981 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Data Sheet G17263EJ1V0DS
3
µ PA1981
TYPICAL CHARACTERISTICS (TA = 25°C)
ON-STATE VOLTAGE (Pch) vs.
DRAIN2 CURRENT
ON-STATE VOLTAGE (Pch) vs.
CHANNEL TEMPERATURE
0
0.04
0.08
0.12
0.16
0.20
0
-0.5-1-1.5-2
-2.5-3
25°C
Tch = 125°C
Pulsed
VS2S1 = 5.0 V
VG1S1 = 1.5 to 7.0 V
ID2 - Drain2 (Pch) Current - A
0
0.04
0.08
0.12
0.16
0.20
0
-0.5-1
-1.5-2
-2.5-3
Pulsed
VS2S1 = 2.5 V
VG1S1 = 1.5 to 7.0 V
25°C
Tch = 125°C
ID2 - Drain2 (Pch) Current - A
ON-STATE RESISTANCE (Pch) vs.
INPUT VOLTAGE
ON-STATE RESISTANCE (Pch) vs.
CHANNEL TEMPERATURE
2
4
6
8
10
12
01234
5678
Pulsed
ID2 =
−2.8 A
VG1S1 = 1.5 to 7.0 V
VS2S1 - Source2 to Source Input Voltage - V
0
2
4
6
8
10
12
14
-50 -25
0
25
50
75 100 125 150
VS2S1 = 5.0 V
ID2 =
−2.8 A
VS2S1 = 2.5 V
ID2 =
−1.9 A
Pulsed
VG1S1 = 1.5 to 7.0 V
Tch - Channel Temperature - °C
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
0.1
1
10
100
1000
Single pulse
Mounted on FR-4 board of 2500 mm
2 x 1.6 mm
PW - Pulse Width - s
1 m
10 m
100 m
1
10
100
1000



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com