Electronic Components Datasheet Search
  English  ▼

X  

MSM66207 Datasheet(PDF) 29 Page - OKI electronic componets

Part # MSM66207
Description  OLMS-66K Series 16-Bit Microcontroller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM66207 Datasheet(HTML) 29 Page - OKI electronic componets

Back Button MSM66207 Datasheet HTML 22Page - OKI electronic componets MSM66207 Datasheet HTML 23Page - OKI electronic componets MSM66207 Datasheet HTML 24Page - OKI electronic componets MSM66207 Datasheet HTML 25Page - OKI electronic componets MSM66207 Datasheet HTML 26Page - OKI electronic componets MSM66207 Datasheet HTML 27Page - OKI electronic componets MSM66207 Datasheet HTML 28Page - OKI electronic componets MSM66207 Datasheet HTML 29Page - OKI electronic componets MSM66207 Datasheet HTML 30Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
29/30
¡ Semiconductor
MSM66201/66P201/66207/66P207
(Unit : mm)
Notes for Mounting the Surface Mount Type Package
The SOP, QFP, TSOP, SOJ, QFJ (PLCC), SHP and BGA are surface mount type packages, which
are very susceptible to heat in reflow mounting and humidity absorbed in storage.
Therefore, before you perform reflow mounting, contact Oki’s responsible sales person for the
product name, package name, pin number, package code and desired mounting conditions
(reflow method, temperature and times).
QFJ68-P-S950-1.27
Package material
Lead frame material
Pin treatment
Solder plate thickness
Package weight (g)
Epoxy resin
Cu alloy
Solder plating
5 mm or more
4.50 TYP.
Mirror finish



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com