Electronic Components Datasheet Search
  English  ▼

X  

MSM66207 Datasheet(PDF) 19 Page - OKI electronic componets

Part # MSM66207
Description  OLMS-66K Series 16-Bit Microcontroller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM66207 Datasheet(HTML) 19 Page - OKI electronic componets

Back Button MSM66207 Datasheet HTML 15Page - OKI electronic componets MSM66207 Datasheet HTML 16Page - OKI electronic componets MSM66207 Datasheet HTML 17Page - OKI electronic componets MSM66207 Datasheet HTML 18Page - OKI electronic componets MSM66207 Datasheet HTML 19Page - OKI electronic componets MSM66207 Datasheet HTML 20Page - OKI electronic componets MSM66207 Datasheet HTML 21Page - OKI electronic componets MSM66207 Datasheet HTML 22Page - OKI electronic componets MSM66207 Datasheet HTML 23Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
19/30
¡ Semiconductor
MSM66201/66P201/66207/66P207
ELECTRICAL CHARACTERISTICS
DC Characteristics
Note: 1 Applied to P0
2 Applied to P1, P2, P3 and P4
3 Applied to P5
4 Applied to ALE, PSEN, RD, WR and RESOUT
5 Applied to RES and NMI
6 Applied to READY and EA
7 Applied to FLT
8 Applied to OSC0
*VDD or GND for ports serving as the input pin. No load for any other.
** Applied to MSM66P201/66P207
Parameter
Symbol
Condition
Min.
Max.
Unit
"H" Input Voltage 1, 3, 6
"H" Input Voltage 5, 7
VIH
2.4
4.0
4.2
3.6
VDD+0.3
VDD+0.3
VDD+0.3
VDD+0.3
—
"H" Input Voltage 8
"H" Input Voltage 2
Typ.
—
"L" Input Voltage 1, 2, 3, 6
VIL
–0.3
–0.3
–0.3
0.8
0.8
0.4
V
"L" Input Voltage 5, 7
"L" Input Voltage 8
VOH
4.2
4.2
—
—
IO = –400mA
"H" Output Voltage 1, 4
"H" Output Voltage 2
VOL
—
—
0.4
0.4
IO = 3.2mA
"L" Output Voltage 1, 4
"L" Output Voltage 2
IO = –200mA
IO = 1.6mA
Input Leakage Current 3, 6, 7
IIH/IIL
—
—
—
1/–1
1/–20
10/–10
mA
VI = VDD/0V
Input Current 5
Input Current 8
"H" Output Current 1
"H" Output Current 2
IOH
IOL
–2
–1
10
5
—
—
—
—
mA
VO = 2.4V
"L" Output Current 1
"L" Output Current 2
ILO
—±2
mA
Output Leakage Current 1, 2, 4
VO = VDD/0V
CI
CO
—
—
—
—
pF
Input Capacitance
Output Capacitance
5
7
f = 1MHz
Ta = 25°C
IDDS
—
—
10
100
mA
Current Consumption
(during STOP) *
0.2
1
VDD = 2V
IDDH
—
**
—
10
15
Current Consumption
(during HALT)
6
8
fOSC = 10MHz
No Load
IDD
—
**
—
35
40
mA
Current Consumption
20
30
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
(VDD = 5V ± 10%, Ta = –40 to +85°C)
IREF
—
—
2
10
Analog Reference Power
Supply Current
0.3
0.5
A/D in operation
A/D stopped
mA
mA
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com